Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY500-50 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BY500-50
Description  FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BY500-50 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BY500-50 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BY500-50 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
25
0
0
50
S i ngl e P has e
Ha l f W a v e 6 0 H Z
R e s i s t i v e or
I nduc t i v e Lo ad
2
3
5
4
6
8
7
1 0 0
75
1 2 5
1 7 5
1 5 0
1
10
1
0.1
0.2
0.4
4
2
6
TJ=25
f=1MHz
20
40
60
100
200
20
4
2
10
100
40
0.6
0.8
1.0
1.2
1.4
1.6
0.1
0.4
1
4
10
20
40
100
TJ=25
Pulse Width=300uS
1.8
2.0
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.5-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 --PEAK FORWARD SURGE CURRENT
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARD CHARACTERISTIC
SET TIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40 60 80
25
75
125
175
100
50
150
200
2 of 2
www.sunmate.tw


Similar Part No. - BY500-50

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY500-50 DIOTEC-BY500-50 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
logo
Semikron International
BY500-50 SEMIKRON-BY500-50 Datasheet
143Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
BY500-50 DIOTEC-BY500-50 Datasheet
58Kb / 2P
   Fast Si-Rectifiers -Schnelle Si-Gleichrichter
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
   Soft Recovery Fast Switching Plastic Rectifier
More results

Similar Description - BY500-50

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com