Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1004CE1 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC1004CE1
Description  Low-Power Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1004CE1 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC1004CE1 Datasheet HTML 1Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 2Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 3Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 4Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 5Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 6Page - Micrel Semiconductor DSC1004CE1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 1
DSC1004
1.8~3.3V
Low-Power Precision CMOS Oscillator
MK-Q-B-P-D-083010-02-4
General Description
The DSC1004 is a silicon MEMS based CMOS
oscillator offering excellent jitter and stability
performance over a wide range of supply
voltages
and
temperatures.
The
device
operates from 1 to 150MHz with supply voltages
between 1.8 to 3.3 Volts and extended
temperatures from
-40ºC to
105ºC.
The
DSC1004 has the same functionality and
performance as the DSC1001 but with greater
output drive (CL< 40pf).
The
DSC1004
incorporates
an
all
silicon
resonator that is extremely robust and nearly
immune to stress related fractures, common to
crystal based oscillators. Without sacrificing the
performance and stability required of today’s
systems, a crystal-less design allows for a
higher level of reliability, making the DSC1004
ideal for rugged, industrial, and portable
applications where stress, shock, and vibration
can damage quartz crystal based systems.
Available in industry standard packages, the
DSC1004 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
Block Diagram
Standby#
PFD
VCO
Frac-N
PLL
Resonator
Output
VDD
GND
(pin1)
Standby#
PFD
VCO
Frac-N
PFD
VCO
Frac-N
PLL
Resonator
Output
VDD
GND
(pin1)
Features
Frequency Range: 1 to 150MHz
Exceptional Stability over Temperature
o
±10 PPM , ±25 PPM, ±50 PPM
Operating voltage
o
1.7 to 3.6V
Operating Temperature Range
o
Ext. Industrial -40ºC to 105ºC
o
Industrial -40ºC to 85ºC
o
Ext. Commercial -20ºC to 70ºC
o
Commercial 0ºC to 70ºC
Low Operating and Standby Current
o
8mA Operating (40MHz)
o
15uA Standby
Ultra Miniature Footprint
o
2.5 x 2.0 x 0.85 mm
o
3.2 x 2.5 x 0.85 mm
o
5.0 x 3.2 x 0.85 mm
o
7.0 x 5.0 x 0.85 mm
Excellent Shock and Vibration
Resistance
Lead Free, RoHS & Reach SVHC
Compliant
Benefits
Pin for pin “drop in” replacement for
industry standard oscillators
Semiconductor level reliability,
significantly higher than quartz
Short mass production lead-times
Longer Battery Life / Reduced Power
Compact Plastic package
Cost Effective
Applications
Mobile Applications
Consumer Electronics
Portable Electronics
CCD Clock for VTR Cameras
Low Profile Applications
Industrial


Similar Part No. - DSC1004CE1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1004CE1-T MICROCHIP-DSC1004CE1-T Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results

Similar Description - DSC1004CE1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1001 MICREL-DSC1001 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
   Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
   Programmable Low-Power Precision CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com