Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001AE1 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1001AE1
Description  Low-Power Precision CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AE1 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1001AE1 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AE1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
Nominal Performance Characteristics
0
4
8
12
16
20
24
0
50
100
150
Frequency (MHz)
Supply Current
0pF
8pF
15pF
Vdd = 3.65V
Ta = 25°C
0
4
8
12
16
0
50
100
150
Frequency (MHz)
Supply Current
0pF
8pF
15pF
Vdd = 1.65V
Ta = 25°C
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Rise Time
-40°C
25°C
85°C
Vdd = 3.3V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Rise Time
-40°C
25°C
85°C
Vdd = 1.8V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Fall Time
-40°C
25°C
85°C
Vdd = 3.3V
0
0.5
1
1.5
2
0
50
100
150
Frequency (MHz)
Fall Time
-40°C
25°C
85°C
Vdd = 1.8V


Similar Part No. - DSC1001AE1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1001AE1-T MICROCHIP-DSC1001AE1-T Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results

Similar Description - DSC1001AE1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1003 MICREL-DSC1003 Datasheet
757Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
   Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
   Programmable Low-Power Precision CMOS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
   Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
   Low Power Precision CMOS
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
   Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com