Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1018AC1 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1018AC1
Description  Low-Power CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1018AC1 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1018AC1 Datasheet HTML 1Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 2Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 3Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 4Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 5Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 6Page - Micrel Semiconductor DSC1018AC1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 4
MK-Q-B-P-D-031809-05-7
DSC1018
1.8V
Low-Power CMOS Oscillator
Output Waveform
Standby Function
Standby#
(pin 1)
Output
(pin 3)
Hi Level
Output ON
Open
(no connect)
Output ON
Low Level
High Impedance
Test Circuit
VOH
VOL
VIL
1/fo
Output
Standby#
tDA
tEN
tF
tR
VIH
0.01uF
VDD
15pF
IDD
*VSD
4
1
2
3
*VSD = Standby# Logic Level Input


Similar Part No. - DSC1018AC1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1001 MICREL-DSC1001 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
Micrel Semiconductor
DSC1001AC1 MICREL-DSC1001AC1 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1001AC2 MICREL-DSC1001AC2 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
DSC1001AC5 MICREL-DSC1001AC5 Datasheet
644Kb / 7P
   Low-Power Precision CMOS Oscillator
More results

Similar Description - DSC1018AC1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
   CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
   Low Power CMOS Oscillator
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com