Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1103CE1 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC1103CE1
Description  Low-Jitter Precision LVDS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1103CE1 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC1103CE1 Datasheet HTML 1Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 2Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 3Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 4Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 5Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 6Page - Micrel Semiconductor DSC1103CE1 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________________________________
DSC1103 | DSC1123
Page 4
MK-Q-B-P-D-110410-03-6
DSC1103
Low-Jitter Precision LVDS Oscillator
DSC1123
Test Circuit
Solder Reflow Profile
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec Max.
Preheat Time 150°C to 200°C
60-180 Sec
Time maintained above 217°C
60-150 Sec
Peak Temperature
255-260°C
Time within 5°C of actual Peak
20-40 Sec
Ramp-Down Rate
6°C/Sec Max.
Time 25°C to Peak Temperature
8 min Max.
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C
60-150
Sec
20-40
Sec
60-180
Sec
8 min max
Pre heat
Reflow
Cool
Time
200°C
217°C
150°C
25°C
260°C


Similar Part No. - DSC1103CE1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1103CL5-074.2500 MICROCHIP-DSC1103CL5-074.2500 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
More results

Similar Description - DSC1103CE1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
   Low Jitter Precision LVDS Oscillator
logo
Micrel Semiconductor
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
logo
Microchip Technology
DSA1103 MICROCHIP-DSA1103 Datasheet
598Kb / 28P
   Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
logo
Micrel Semiconductor
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
   Low-Jitter Configurable Dual LVDS Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com