Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1028 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC1028
Description  Low-Power CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1028 Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC1028 Datasheet HTML 1Page - Micrel Semiconductor DSC1028 Datasheet HTML 2Page - Micrel Semiconductor DSC1028 Datasheet HTML 3Page - Micrel Semiconductor DSC1028 Datasheet HTML 4Page - Micrel Semiconductor DSC1028 Datasheet HTML 5Page - Micrel Semiconductor DSC1028 Datasheet HTML 6Page - Micrel Semiconductor DSC1028 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 2
MK-Q-B-P-D-031809-03-7
DSC1028
2.8V
Low-Power CMOS Oscillator
Absolute Maximum Ratings1
Item
Min.
Max
Unit
Condition
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40 sec max.
ESD
HBM
MM
CDM
-
2000
200
500
V
Ordering Code
Recommended Operating Conditions
Specifications
Notes:
1.
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be
operated beyond these limits.
2.
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical values.
3.
See typical cycle to cycle jitter graph for frequency dependence.
Parameter
Symbol
Range
Supply Voltage
VDD
2.6 to 3.0V
Output Load
ZL
R>10KΩ, C≤15pF
Operating Temperature
Option 1
Option 2
Option 3
T
-40 − +85 °C
-20 − +70 °C
0 − +70 °C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency
f0
Single Frequency
1
150
MHz
Frequency Tolerance
Option 1
Option 2
Option 3
Δf
-40°C to +85°C
-20°C to +70°C
0°C to +70°C
±25,±50
±25,±50
±25,±50
ppm
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°
C
1 to 40MHz
40 to 80MHz
80 to 125MHz
125 to 150MHz
3
4
5
6
10
mA
Supply Current, standby
IDD
T=25°C
1.0
uA
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
CL=15pF
0.8*VDD
-
-
0.2*VDD
Volts
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.3
1.3
2
2
ns
Output Startup Time2
tSU
T=25°C
1.5
3
ms
Output Disable Time
tDA
20
100
ns
Output Duty Cycle
SYM
45
55
%
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75*VDD
-
-
0.25* VDD
Volts
Jitter, Cycle to Cycle
JCC
F = 100MHz3
95
ps
DSC1028
032.0000
Family
Output Freq
1.0 to 150MHz
CE1
Package, Temp
& Stability
-
T
Tape/
Reel
* See Ordering Information for details


Similar Part No. - DSC1028

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1025AC1 MICREL-DSC1025AC1 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1025AC2 MICREL-DSC1025AC2 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1025AE1 MICREL-DSC1025AE1 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1025AE2 MICREL-DSC1025AE2 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
More results

Similar Description - DSC1028

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
   CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
   Low Power CMOS Oscillator
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com