Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10JDA10 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 10JDA10
Description  AXIAL LEADED SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10JDA10 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  10JDA10 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10JDA10 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10JDA10
Features
VOLTAGE RANGE: 100V
CURRENT: 1.0 A
Repetitive Peak Reverse Voltage
V RRM
100
V
Ta=29
°C *1
1.0
Average Rectified Output Current
I
50Hz
Half Sine Wave
Resistive Load
Tl=126
°C
(Tl: Lead Temperature)
1.0
A
RMS Forward Current
I F(RMS)
1.57
A
Surge Forward Current
I FSM
50Hz Half Sine Wave,1cycle,
Non-repetitive
45
A
Operating JunctionTemperature Range
Tjw
°C
Tstg
- 40 to + 150
°C
Characteristics
Peak Reverse Current
I RM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.0A
-
-
1.0
V
Thermal Resistance
°C/W
Electrical Characteristics
1 of 2
www.sunmate.tw
Mechanical Data
Case: DO-41
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.35 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings @ TA = 25°C unless otherwise specified
Miniature Size
Low Forward Voltage drop
Low Reverse Leakage Current
High Surge Capability
!
!
!
!
Storage Temperature Range
- 40 to + 150
O
Symbol
Conditions
Min.
Typ.
Max.
Unit
120
Rth(j-a)
Junction to Ambient *1
-
-
Rth(j-l)
Junction to Lead
-
-
23
AXIAL LEADED SILICON RECTIFIER DIODES
10JDA10
Characteristic
Symbol
Unit
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41


Similar Part No. - 10JDA10

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10JDA10 NIEC-10JDA10 Datasheet
40Kb / 5P
   DIODE - 1A 100V TJ = 150C
logo
National Instruments Co...
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
   Standard Recovery Diode
10JDA10_2015 NI-10JDA10_2015 Datasheet
141Kb / 1P
   Standard Recovery Diode
More results

Similar Description - 10JDA10

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EM1Y SUNMATE-EM1Y Datasheet
301Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
P300A SUNMATE-P300A Datasheet
278Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GP25A SUNMATE-GP25A Datasheet
1Mb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
8A05 SUNMATE-8A05 Datasheet
363Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
GPP15A SUNMATE-GPP15A Datasheet
283Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
10EDB60 SUNMATE-10EDB60 Datasheet
293Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
EM513 SUNMATE-EM513 Datasheet
303Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
BY251 SUNMATE-BY251 Datasheet
1Mb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com