Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2133 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2133 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2133 Datasheet HTML 1Page - Micrel Semiconductor DSC2133 Datasheet HTML 2Page - Micrel Semiconductor DSC2133 Datasheet HTML 3Page - Micrel Semiconductor DSC2133 Datasheet HTML 4Page - Micrel Semiconductor DSC2133 Datasheet HTML 5Page - Micrel Semiconductor DSC2133 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2133 DSC2233
Page 4
MK-Q-B-P-D-12050109
DSC2133
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2233
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Note: 1000+ years of data retention on internal memory
Ordering Code
Specifications (Unless specified otherwise: T=25° C)
Notes:
1.
Pin 4 VDD should be filtered with 0.01uf capacitor.
2.
Output is enabled if Enable pad is floated or not connected.
3.
tsu is time to 100PPM stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Test Circuit figures below define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are disabled
21
23
mA
Supply Current2
IDD
EN pin high – outputs are enabled
RL=100Ω, FO1=FO2 =156.25 MHz
38
mA
Frequency Stability
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up exists on all digital IO
40
LVDS Outputs
Output Offset Voltage
R=100Ω Differential
1.125
1.4
V
Delta Offset Voltage
50
mV
Pk to Pk Output Swing
Single-Ended
350
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=50Ω, CL= 2pF
200
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=FO2=156.25 MHz
2.5
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @148.5MHz
100kHz to 20MHz @148.5MHz
12kHz to 20MHz @148.5MHz
0.28
0.4
1.7
2
psRMS
DSC2
xxxxx
Freq (MHz)
See Freq. table
-
Packing
T: Tape & Reel
: Tube
F I 2
Package
F: 3.2x2.5mm
Temp Range
E: -20 to 70
I: -40 to 85
Stability
1: ±50ppm
2: ±25ppm
T
33
1
Prog Mode
1: I2C bus
2: SPI bus


Similar Part No. - DSC2133

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC2133 MICROCHIP-DSC2133 Datasheet
985Kb / 16P
   Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
09/14/21
DSC2133FI2-E0020 MICROCHIP-DSC2133FI2-E0020 Datasheet
985Kb / 16P
   Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
09/14/21
More results

Similar Description - DSC2133

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC2133 MICROCHIP-DSC2133 Datasheet
985Kb / 16P
   Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
09/14/21
logo
Micrel Semiconductor
DSC2130 MICREL-DSC2130 Datasheet
562Kb / 6P
   Low-Jitter I2C/SPI Programmable LVDS Oscillator
DSC2131 MICREL-DSC2131 Datasheet
573Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS Oscillator
DSC2143 MICREL-DSC2143 Datasheet
568Kb / 6P
   Low-Jitter I2C/SPI Programmable HCSL-LVDS Oscillator
DSC2132 MICREL-DSC2132 Datasheet
675Kb / 6P
   Low-Jitter I2C/SPI Programmable LVDS-LVPECL Oscillator
DSC2122 MICREL-DSC2122 Datasheet
650Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual LVPECL Oscillator
DSC2144 MICREL-DSC2144 Datasheet
562Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual HCSL Oscillator
DSC2111 MICREL-DSC2111 Datasheet
567Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual CMOS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
   Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2141 MICREL-DSC2141 Datasheet
553Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual HCSL-CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com