Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5001AID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001AID
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL5001AID Datasheet HTML 3Page - Texas Instruments TL5001AID Datasheet HTML 4Page - Texas Instruments TL5001AID Datasheet HTML 5Page - Texas Instruments TL5001AID Datasheet HTML 6Page - Texas Instruments TL5001AID Datasheet HTML 7Page - Texas Instruments TL5001AID Datasheet HTML 8Page - Texas Instruments TL5001AID Datasheet HTML 9Page - Texas Instruments TL5001AID Datasheet HTML 10Page - Texas Instruments TL5001AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 100 kHz (unless otherwise noted)
reference
PARAMETER
TEST CONDITIONS
TL5001C, TL5001I
TL5001AC, TL5001AI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Output voltage
COMP connected to FB
0.95
1
1.05
0.97
1
1.03
V
Input regulation
VCC = 3.6 V to 40 V
2
12.5
2
12.5
mV
TA = – 20°C to 25°C (C suffix)
– 10
– 1
10
– 10
– 1
10
Output voltage change with temperature
TA = – 40°C to 25°C (I suffix)
– 10
– 1
10
– 10
– 1
10
mV/V
TA = 25°C to 85°C
– 10
– 2
10
– 10
– 2
10
† All typical values are at TA = 25°C.
undervoltage lockout
PARAMETER
TEST CONDITIONS
TL5001C, TL5001I
TL5001AC, TL5001AI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Upper threshold voltage
TA = 25°C
3
3
V
Lower threshold voltage
TA = 25°C
2.8
2.8
V
Hysteresis
TA = 25°C
100
200
100
200
mV
Reset threshold voltage
TA = 25°C
2.1
2.55
2.1
2.55
V
† All typical values are at TA = 25°C.
short-circuit protection
PARAMETER
TEST CONDITIONS
TL5001C, TL5001I
TL5001AC, TL5001AI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
SCP threshold voltage
TA = 25°C
0.95
1.00
1.05
0.97
1.00
1.03
V
SCP voltage, latched
No pullup
140
185
230
140
185
230
mV
SCP voltage, UVLO standby
No pullup
60
120
60
120
mV
Input source current
TA = 25°C
–10
–15
–20
–10
–15
–20
µA
SCP comparator 1 threshold voltage
1.5
1.5
V
† All typical values are at TA = 25°C.
oscillator
PARAMETER
TEST CONDITIONS
TL5001C, TL5001I
TL5001AC, TL5001AI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Frequency
Rt = 100 kΩ
100
100
kHz
Standard deviation of frequency
15
15
kHz
Frequency change with voltage
VCC = 3.6 V to 40 V
1
1
kHz
TA = – 40°C to 25°C
– 4
– 0.4
4
– 4
– 0.4
4
kHz
Frequency change with temperature
TA = – 20°C to 25°C
– 4
– 0.4
4
– 4
– 0.4
4
kHz
TA = 25°C to 85°C
– 4
– 0.2
4
– 4
– 0.2
4
kHz
Voltage at RT
1
1
V
† All typical values are at TA = 25°C.


Similar Part No. - TL5001AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001AID TI-TL5001AID Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001AID TI-TL5001AID Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001AIDG4 TI-TL5001AIDG4 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001AIDR TI-TL5001AIDR Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001AIDRG4 TI-TL5001AIDRG4 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com