Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL4810B_1998 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL4810B_1998
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL4810B_1998 Datasheet(HTML) 6 Page - Texas Instruments

  TL4810B_1998 Datasheet HTML 1Page - Texas Instruments TL4810B_1998 Datasheet HTML 2Page - Texas Instruments TL4810B_1998 Datasheet HTML 3Page - Texas Instruments TL4810B_1998 Datasheet HTML 4Page - Texas Instruments TL4810B_1998 Datasheet HTML 5Page - Texas Instruments TL4810B_1998 Datasheet HTML 6Page - Texas Instruments TL4810B_1998 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TL4810B, TL4810BI
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS006C – DECEMBER 1984 – REVISED MAY 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Valid
50%
50%
CLOCK
Data
50%
50%
t w(CKH)
t su(D)
t h(D)
VIH
VIL
VIH
VIL
Figure 1. Input Timing
Last
Pulse
CLOCK
50%
VIH
VIL
VIH
VIL
50%
50%
LATCH
ENABLE
t d(CKH-LEH)
t w(LEH)
t pd
90%
Output
Valid
Figure 2. Output Switching Times
THERMAL INFORMATION
25
TA – Free-Air Temperature – °C
100
100
40
35
45
55
65
75
85
95
50
60
70
80
90
VCC1 = 15 V
VCC2 = 60 V
IOH = – 25 mA
IOL = 1 µA
N = Number of Outputs High
All Other Outputs Low
N = 1 to 6
N = 7
N = 8
N = 9
N = 10
DW PACKAGE DUTY CYCLE
vs
FREE-AIR TEMPERATURE
Figure 3
N = 8
N = 7
N = 6
N = 5
N = 1 to 4
90
80
70
60
50
95
85
75
65
55
45
35
40
100
100
25
N = 9
N = 10
TA – Free-Air Temperature – °C
N PACKAGE DUTY CYCLE
vs
FREE-AIR TEMPERATURE
VCC1 = 15 V
VCC2 = 60 V
IOH = – 25 mA
IOL = 1 µA
N = Number of Outputs High
All Other Outputs Low
Figure 4


Similar Part No. - TL4810B_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810BI TI-TL4810BI Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
More results

Similar Description - TL4810B_1998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810B TI-TL4810B Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65518 TI-SN65518 Datasheet
136Kb / 9P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI-SN65512C Datasheet
85Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512B TI1-SN65512B Datasheet
116Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
   Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com