Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL750M12 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL750M12
Description  AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL750M12 Datasheet(HTML) 1 Page - Texas Instruments

  TL750M12 Datasheet HTML 1Page - Texas Instruments TL750M12 Datasheet HTML 2Page - Texas Instruments TL750M12 Datasheet HTML 3Page - Texas Instruments TL750M12 Datasheet HTML 4Page - Texas Instruments TL750M12 Datasheet HTML 5Page - Texas Instruments TL750M12 Datasheet HTML 6Page - Texas Instruments TL750M12 Datasheet HTML 7Page - Texas Instruments TL750M12 Datasheet HTML 8Page - Texas Instruments TL750M12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TL750Mxx-Q1, TL751Mxx-Q1
www.ti.com
SGLS312J
– SEPTEMBER 2005 – REVISED JUNE 2011
AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
Check for Samples: TL750Mxx-Q1, TL751Mxx-Q1
1
FEATURES
Qualified for Automotive Applications
Load-Dump Protection
Low Dropout Voltage, Less Than 0.6 V at
Overvoltage Protection
750 mA
Internal Thermal Overload Protection
Low Quiescent Current
Internal Overcurrent-Limiting Circuitry
TTL- and CMOS-Compatible Enable on
TL751M Series
DESCRIPTION
The TL750M and TL751M series are low-dropout positive voltage regulators specifically designed for automotive
applications. The TL750M and TL751M series incorporate onboard overvoltage and current-limiting protection
circuitry to protect the devices and the regulated system. Both series are fully protected against load-dump and
reverse-battery conditions. Load-dump protection is up to a maximum of 60 V at the input of the device. Low
quiescent current, even during full-load conditions, makes the TL750M and TL751M series ideal for use in
applications that are permanently connected to the vehicle battery.
The TL750M and TL751M series offers 5-V, 8-V, and 12-V options. The TL751M series has the addition of an
enable (ENABLE) input. The ENABLE input gives complete control over power up, allowing sequential power up
or shutdown. When ENABLE is high, the regulator output is placed in the high-impedance state. The ENABLE
input is TTL and CMOS compatible.
The TL750Mxx and TL751Mxx are characterized for operation over the virtual junction temperature range
–40°C
to 125
°C.
AVAILABLE OPTIONS(1)
VO
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
NOM (V)
TO-263-3
– KTT
Reel of 500
TL750M05QKTTRQ1
TL750M05Q1
5 V
TO-252-3
– KVU
Reel of 2500
TL750M05QKVURQ1
750M05Q
TO-263-3
– KTT
Reel of 500
TL750M08QKTTRQ1
TL750M08Q1
8 V
TO-252-3
– KVU
Reel of 2500
TL750M08QKVURQ1
750M08Q
TO-263-3
– KTT
Reel of 500
TL750M12QKTTRQ1
TL750M12Q1
12 V
TO-252-3
– KVU
Reel of 2500
TL750M12QKVURQ1
750M12Q
–40°C to 125°C
TO-263-5
– KTT
Reel of 500
TL751M05QKTTRQ1
TL751M05Q1
5 V
TO-252-5
– KVU
Reel of 2500
TL751M05QKVURQ1
751M05Q
TO-263-5
– KTT
Reel of 500
TL751M08QKTTRQ1
TL751M08Q1
8 V
TO-252-5
– KVU
Reel of 2500
TL751M08QKVURQ1
751M08Q
TO-263-5
– KTT
Reel of 500
TL751M12QKTTRQ1
TL751M12Q1
12 V
TO-252-5
– KVU
Reel of 2500
TL751M12QKVURQ1
751M12Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL750M12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750M12 TI-TL750M12 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M12C TI-TL750M12C Datasheet
690Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M12C TI-TL750M12C Datasheet
1Mb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M12CKC TI-TL750M12CKC Datasheet
690Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M12CKC TI-TL750M12CKC Datasheet
1Mb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL750M12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750M05-Q1 TI1-TL750M05-Q1 Datasheet
908Kb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750M-Q1 TI-TL750M-Q1 Datasheet
195Kb / 12P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL751M08-Q1 TI-TL751M08-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   AUTOMOTIVE LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com