Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM62 Datasheet(PDF) 2 Page - Microchip Technology

Part # BM62
Description  Bluetooth짰 4.2 Stereo Audio Module
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM62 Datasheet(HTML) 2 Page - Microchip Technology

  BM62 Datasheet HTML 1Page - Microchip Technology BM62 Datasheet HTML 2Page - Microchip Technology BM62 Datasheet HTML 3Page - Microchip Technology BM62 Datasheet HTML 4Page - Microchip Technology BM62 Datasheet HTML 5Page - Microchip Technology BM62 Datasheet HTML 6Page - Microchip Technology BM62 Datasheet HTML 7Page - Microchip Technology BM62 Datasheet HTML 8Page - Microchip Technology BM62 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
BM62/64
DS60001403A - Page 2
 2016 Microchip Technology Inc.
Peripherals
• Built-in lithium-ion and lithium-polymer battery
charger (up to 350 mA)
• Integrated 1.8V and 3V configurable switching
regulator and low-dropout (LDO)
• Built-in ADC for battery monitoring and voltage
sense
• Built-in ADC for charger thermal protection
• Built-in undervoltage protection (UVP)
• An AUX-In port for external audio input
• Two LED drivers
• Multiple I/O pins for control and status
HCI Interface
• High-speed HCI-UART interface (supports up to
921,600 bps)
MAC/Baseband Processor
• Supports Bluetooth 4.2 dual mode (FW depen-
dent)
- BR/EDR transport for audio, voice, and SPP
data exchange
- BLE transport for proprietary transparent
service and ANCS data exchange
Operating Condition
• Operating voltage: 3.2V to 4.2V
• Operating temperature: -20°C to +70°C
Compliance
• Bluetooth SIG QDID: 83345 (BM62, BM64 Class
2) and 83336 (BM64 Class 1)
• Certifications planned for the United States
(FCC), Canada (IC), European Economic Area
(CE), Korea (KCC), Taiwan (NCC), Japan (JRF),
and China (SRRC)
Applications
• Soundbar and Subwoofer
• Bluetooth speaker
• Multi-speaker
Description
The BM62/64 Stereo Audio module is a fully qualified
Bluetooth 4.2 dual-mode module for designers to add
wireless audio and voice applications to their products.
The BM62/64 module is a Bluetooth Special Interest
Group (SIG) certified module that provides a complete
wireless solution with Bluetooth stack, integrated PCB
antenna, and worldwide radio certifications in a
compact surface-mount package.
The BM62/64 module has several SKUs. The BM62 is
a Class 2 device and the BM64 is available in both
Class 1 and Class 2 versions.


Similar Part No. - BM62

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM62

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
   Bluetooth짰 4.1 Stereo Audio Module
2015
BM78 MICROCHIP-BM78 Datasheet
2Mb / 60P
   Bluetooth짰 4.2 Dual-Mode Module
07/14/15
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
   BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
Taiyo Yuden (U.S.A.), I...
WYSEGVDXG TAIYO-YUDEN-WYSEGVDXG Datasheet
930Kb / 35P
   Wireless LAN Bluetooth짰 Module IEEE802.11ac (1x1) Bluetooth짰 4.2 WYSEGVDXG
27-Sep.2019 Ver.1.2
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
   WT32 Bluetooth짰 Audio Module?
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
   Bluetooth Stereo Audio Transmitter Module
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
   Bluetooth짰 technology module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com