Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1454ACDB Datasheet(PDF) 11 Page - Texas Instruments

Part # TL1454ACDB
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454ACDB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL1454ACDB Datasheet HTML 7Page - Texas Instruments TL1454ACDB Datasheet HTML 8Page - Texas Instruments TL1454ACDB Datasheet HTML 9Page - Texas Instruments TL1454ACDB Datasheet HTML 10Page - Texas Instruments TL1454ACDB Datasheet HTML 11Page - Texas Instruments TL1454ACDB Datasheet HTML 12Page - Texas Instruments TL1454ACDB Datasheet HTML 13Page - Texas Instruments TL1454ACDB Datasheet HTML 14Page - Texas Instruments TL1454ACDB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 6 V, fosc = 500 kHz, TA = 25°C (unless otherwise noted) (continued)
dead-time control (DTC)
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
Duty cycle = 0%
1.1
V
VIT
Input threshold voltage
Duty cycle = 100%
0.5
V
VI(latched) Latched-mode input voltage
1.2
V
Latched-mode (source) current
− 100
µA
error-amplifier
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIB
Input bias current
VO = 1.25 V,
VIC = 1.25 V
− 160
nA
AV
Open-loop voltage gain
RFB = 200 kΩ
80
dB
Unity-gain bandwidth
3
MHz
CMRR
Common-mode rejection ratio
80
dB
VOM(max) Positive output voltage swing
2.43
V
VOM(min)
Negative output voltage swing
0.63
V
IO+
Output sink current
VID = − 0.1 V,
VO = 1.20 V
0.5
mA
IO−
Output source current
VID = 0.1 V,
VO = 1.80 V
−70
µA
output
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IO = − 8 mA
4.5
V
VOH
High-level output voltage
IO = − 40 mA
4.4
V
VOL
Low-level output voltage
IO = 8 mA
0.1
V
VOL
Low-level output voltage
IO = 40 mA
1.8
V
trv
Output voltage rise time
CL = 2000 pF
220
ns
tfv
Output voltage fall time
CL = 2000 pF
220
ns
supply current
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(stby)
Standby supply current
RT open,
CT = 1.5 V, No load,
VO (COMP1, COMP2) = 1.25 V,
3.1
mA
ICC(average)
Average supply current
RT = 10 kΩ,
50% duty cycle,
CT = 120 pF,
Outputs open
3.5
mA


Similar Part No. - TL1454ACDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454ACDB TI-TL1454ACDB Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDBR TI-TL1454ACDBR Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Similar Description - TL1454ACDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com