Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2378E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2378E
Description  8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 짹15KV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378E Datasheet(HTML) 4 Page - STMicroelectronics

  ST2378E Datasheet HTML 1Page - STMicroelectronics ST2378E Datasheet HTML 2Page - STMicroelectronics ST2378E Datasheet HTML 3Page - STMicroelectronics ST2378E Datasheet HTML 4Page - STMicroelectronics ST2378E Datasheet HTML 5Page - STMicroelectronics ST2378E Datasheet HTML 6Page - STMicroelectronics ST2378E Datasheet HTML 7Page - STMicroelectronics ST2378E Datasheet HTML 8Page - STMicroelectronics ST2378E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ST2378E
4/14
DC SPECIFICATION
Symbol
Parameter
Test Condition
Value
Unit
VL(*)
(V)
VCC(*)
(V)
TA =25°C
-40to 85°C
Min.
Typ
Max.
Min.
Max.
VIHL
High Level Input
Voltage (I/OVL)
1.8
VL to 5.5
VL-0.2
VL-0.2
V
2.5
VL to 5.5
0.75VL
0.75VL
3.3
VL to 5.5
0.75VL
0.75VL
5.0
VL to 5.5
0.75VL
0.75VL
VILL
Low Level Input
Voltage (I/OVL)
1.8
VL to 5.5
0.15
0.15
V
2.5
VL to 5.5
0.30
0.30
3.3
VL to 5.5
0.30
0.30
5.0
VL to 5.5
0.30
0.30
VIHC
High Level Input
Voltage (I/OVCC)
1.8
VL to 5.5
VL-0.2
VL-0.2
V
2.5
VL to 5.5
0.75VCC
0.75VCC
3.3
VL to 5.5
0.75VCC
0.75VCC
5.0
VL to 5.5
0.75VCC
0.75VCC
VILC
Low Level Input
Voltage (I/OVCC)
1.8
VL to 5.5
0.15
0.15
V
2.5
VL to 5.5
0.30
0.30
3.3
VL to 5.5
0.30
0.30
5.0
VL to 5.5
0.30
0.30
VIH-TS High Level Input
Voltage (OE)
1.8
VL to 5.5
VL-0.2
VL-0.2
V
2.5
VL to 5.5
0.75VL
0.75VL
3.3
VL to 5.5
0.75VL
0.75VL
5.0
VL to 5.5
0.75VL
0.75VL
VIL-TS Low Level Input
Voltage (OE)
1.8
VL to 5.5
0.15
0.15
V
2.5
VL to 5.5
0.25VL
0.25VL
3.3
VL to 5.5
0.25VL
0.25VL
5.0
VL to 5.5
0.25VL
0.25VL
VOHL
High Level Output
Voltage I/OVL
1.8to5.5 VL to 5.5
IO=-20 µA
I/OVCC≥VCC-0.2
0.67VL
0.67VL
V
VOLL
Low Level Output
Voltage I/OVL
IO=1.0 mA
I/OVCC≤0.15V
0.40
0.40
VOHC
High Level Output
Voltage I/OVCC
1.8to5.5 VL to 5.5
IO=-20 µA
I/OVL≥VL-0.2
0.67VCC
0.67VCC
V
VOLC
Low Level Output
Voltage I/OVCC
IO=1.0 mA
I/OVL≤0.15V
0.40
0.40
ITSL
Control Input
Leakage Current
(OE)
1.8to5.5 VL to 5.5
VI=GNDor5.5
11
µA
ITS-LKG High Impedance
Input Leakage
Current (IOVL,
I/OVCC)
1.8to5.5 VL to 5.5
OE = GND
11
µA
IQVCC Quiescent Supply
Current VCC
1.8to5.5 VL to 5.5
I/OVL, I/OVCC
unconnected
0.1
1
10
µA
IQVL
Quiescent Supply
Current VL
1.8to5.5 VL to 5.5
I/OVL, I/OVCC
unconnected
13
20
100
µA


Similar Part No. - ST2378E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E STMICROELECTRONICS-ST2378E Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
ST2378E-06 STMICROELECTRONICS-ST2378E-06 Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
ST2378EBJR STMICROELECTRONICS-ST2378EBJR Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
ST2378ETTR STMICROELECTRONICS-ST2378ETTR Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
More results

Similar Description - ST2378E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E-06 STMICROELECTRONICS-ST2378E-06 Datasheet
275Kb / 22P
   8-bit dual supply 1.71V to 5.5V level translator with I/O VCC 짹 15KV ESD protection
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
ON Semiconductor
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
logo
Union Semiconductor, In...
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
ON Semiconductor
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
   1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com