Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6032CGQER Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6032CGQER
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6032CGQER Datasheet(HTML) 1 Page - Texas Instruments

  THS6032CGQER Datasheet HTML 1Page - Texas Instruments THS6032CGQER Datasheet HTML 2Page - Texas Instruments THS6032CGQER Datasheet HTML 3Page - Texas Instruments THS6032CGQER Datasheet HTML 4Page - Texas Instruments THS6032CGQER Datasheet HTML 5Page - Texas Instruments THS6032CGQER Datasheet HTML 6Page - Texas Instruments THS6032CGQER Datasheet HTML 7Page - Texas Instruments THS6032CGQER Datasheet HTML 8Page - Texas Instruments THS6032CGQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PAD
VCCH
1OUT
VCCL
1IN−
1IN+
NC
SHDN1
SHDN2
PAD
PAD
VCCH+
2OUT
VCCL+
2IN−
2IN+
NC
NC
DGND
PAD
NC − NotConnected
Thisterminalisinternallyconnectedtothethermalpad.
VFPPACKAGE
(TOPVIEW)
Power
PAD?
THERMALLY-ENHANCEDSOIC(DWP)
PowerPAD
PACKAGE
(TOPVIEW)
ä
MicroStarJunior
(GQE)PACKAGE
(TOPVIEW)
ä
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
Check for Samples: THS6032
1
FEATURES
23
Low-Power ADSL Line Driver Ideal for Central
Office
1.35-W Total Power Dissipation for
Full-Rate ADSL Into a 25-
Ω Load
Low-Impedance Shutdown Mode
Allows Reception of Incoming Signal
During Standby
Two Modes of Operation
Class-G Mode: 4 Power Supplies, 1.35 W
Power Dissipation
Class-AB Mode: 2 Power Supplies, 2 W
Power Dissipation
Low Distortion
THD = –62 dBc at f = 1 MHz,
VO(PP) = 20 V, 25-Ω Load
THD = –69 dBc at f = 1 MHz,
VO(PP) = 2 V, 25-Ω Load
400-mA Minimum Output Current Into a 25-
Load
High-Speed:
65-MHz Bandwidth (–3dB) , 25-
Ω Load
100-MHz Bandwidth (–3dB) , 100-
Ω Load
1200-V/
μs Slew Rate
Thermal Shutdown and Short-Circuit
Protection
Evaluation Module Available
HIGH-SPEED xDSL LINE DRIVER/RECEIVER FAMILY
DEVICE
DRIVER
RECEIVER
5 V
±5 V
±15 V
DESCRIPTION
THS6002
500-mA differential line driver and receiver
THS6012
500-mA differential line driver
THS6022
250-mA differential line driver
THS6032
500-mA low-power ADSL central-office line driver
THS6062
Low-noise ADSL receiver
THS6072
Low-power ADSL receiver
THS7002
Low-noise programmable-gain ADSL receiver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, MicroStar Junior are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS6032CGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032CGQE TI-THS6032CGQE Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results

Similar Description - THS6032CGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
[Old version datasheet]   ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
35598 SCHOTT-35598 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com