Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5671A Datasheet(PDF) 4 Page - Texas Instruments

Part # THS5671A
Description  14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5671A Datasheet(HTML) 4 Page - Texas Instruments

  THS5671A_09 Datasheet HTML 1Page - Texas Instruments THS5671A_09 Datasheet HTML 2Page - Texas Instruments THS5671A_09 Datasheet HTML 3Page - Texas Instruments THS5671A_09 Datasheet HTML 4Page - Texas Instruments THS5671A_09 Datasheet HTML 5Page - Texas Instruments THS5671A_09 Datasheet HTML 6Page - Texas Instruments THS5671A_09 Datasheet HTML 7Page - Texas Instruments THS5671A_09 Datasheet HTML 8Page - Texas Instruments THS5671A_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
THS5671A
14BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS201A − DECEMBER 1999 − REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, IOUTFS = 20 mA (unless otherwise noted)
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
DC accuracy†
INL
Integral nonlinearity
TA = −40°C to 85°C
−7
±2.5
7
LSB
DNL
Differential nonlinearity
TA = −40°C to 85°C
−3.5
±2
3.5
LSB
Monotonicity
At 11-bit level
Monotonic
Analog output
Offset error
0.02
%FSR
Gain error
Without internal reference
2.3
%FSR
Gain error
With internal reference
1.3
%FSR
Full scale output current‡
2
20
mA
Output compliance range
AVDD = 5 V, IOUTFS = 20 mA
−1
1.25
V
Output resistance
300
k
Output capacitance
5
pF
Reference output
Reference voltage
1.18
1.22
1.32
V
Reference output current§
100
nA
Reference input
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Small signal bandwidth¶
Without CCOMP1
1.3
MHz
Input capacitance
100
pF
Temperature coefficients
Offset drift
0
Gain drift
Without internal reference
±40
ppm of
FSR/ C
Gain drift
With internal reference
±120
ppm of
FSR/
°C
Reference voltage drift
±35
Power supply
AVDD
Analog supply voltage
4.5
5
5.5
V
DVDD
Digital supply voltage
3
5.5
V
IAVDD
Analog supply current
25
30
mA
IAVDD
Sleep mode supply current
Sleep mode
3
5
mA
IDVDD
Digital supply current#
5
6
mA
Power dissipation||
AVDD = 5 V, DVDD = 5 V, IOUTFS = 20 mA
175
mW
AVDD
Power supply rejection ratio
±0.4
%FSR/V
DVDD
Power supply rejection ratio
±0.025
%FSR/V
Operating range
−40
85
°C
† Measured at IOUT1 in virtual ground configuration.
‡ Nominal full-scale current IOUTFS equals 32X the IBIAS current.
§ Use an external buffer amplifier with high impedance input to drive any external load.
¶ Reference bandwidth is a function of external cap at COMP1 pin and signal level.
# Measured at fCLK = 50 MSPS and fOUT= 1 MHz.
|| Measured for 50 Ω RLOAD at IOUT1 and IOUT2, fCLK = 50 MSPS and fOUT = 20 MHz.
Specifications subject to change


Similar Part No. - THS5671A_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671ADW TI-THS5671ADW Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671AIDW TI-THS5671AIDW Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671AIDWG4 TI-THS5671AIDWG4 Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671AIDWR TI-THS5671AIDWR Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671AIDWRG4 TI-THS5671AIDWRG4 Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5671A_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com