Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL022C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL022C
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL022C Datasheet(HTML) 3 Page - Texas Instruments

  TL022C Datasheet HTML 1Page - Texas Instruments TL022C Datasheet HTML 2Page - Texas Instruments TL022C Datasheet HTML 3Page - Texas Instruments TL022C Datasheet HTML 4Page - Texas Instruments TL022C Datasheet HTML 5Page - Texas Instruments TL022C Datasheet HTML 6Page - Texas Instruments TL022C Datasheet HTML 7Page - Texas Instruments TL022C Datasheet HTML 8Page - Texas Instruments TL022C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL022C, TL022M
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS076 – SEPTEMBER 1973 – REVISED SEPTEMBER 1990
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC +
5
15
V
Supply voltage, VCC –
–5
–15
V
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL022C
TL022M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
25
°C
1
5
1
5
mV
VIO
Input offset voltage
O
,
RS = 50 Ω
Full range
7.5
6
mV
IIO
Input offset current
VO =0
25
°C
15
80
5
40
nA
IIO
Input offset current
VO = 0
Full range
200
100
nA
IIB
Input bias current
VO =0
25
°C
100
250
50
100
nA
IIB
Input bias current
VO = 0
Full range
400
250
nA
VICR
Common-mode input
25
°C
±12
±13
±12
±13
V
VICR
voltage range
Full range
±12
±12
V
VO(PP)
Maximum peak-to-peak
RL = 10 kΩ
25
°C
20
26
20
26
V
VO(PP)
output voltage swing
RL ≥ 10 kΩ
Full range
20
20
V
AVD
Large-signal differehtial
RL ≥ 10 kΩ,
25
°C
60
80
72
86
dB
AVD
gg
voltage amplification
L
,
VO = ± 10 V
Full range
60
66
dB
B1
Unity-gain bandwidth
25
°C
0.5
0.5
MHz
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
60
72
60
72
dB
CMRR
j
ratio
IC
ICR
,
RS = 50 Ω
Full range
60
60
dB
kSVS
Supply voltage sensitivity
VCC = ± 9 V to ± 15 V,
25
°C
30
200
30
150
µV/V
kSVS
yg
y
(
∆VIO/∆VCC)
CC
,
RS = 50 Ω
Full range
200
150
µV/V
Ei
lt i
t
i
A20 dB
Vn
Equivalent input noise
voltage
AVD = 20 dB,
B=1Hz
f = 1 kHz
25
°C
50
50
nV/Hz
voltage
B = 1 Hz,
IOS
Short-circuit output current
25
°C
±6
±6
mA
ICC
Supply current (both
VO =0
No load
25
°C
130
250
130
250
µA
ICC
y(
amplifiers)
VO = 0,
No load
Full range
250
250
µA
PD
Total dissipation
VO =0
No load
25
°C
3.9
7.5
3.9
6
mW
PD
(both amplifiers)
VO = 0,
No load
Full range
7.5
6
mW
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for
TL022C is 0
°C to 70°C and for TL022M is –55°C to 125°C.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI =20mV
RL =10kΩ
CL= 100 pF
See Figure 1
0.3
µs
Overshoot factor
VI = 20 mV,
RL = 10 kΩ,
CL= 100 pF,
See Figure 1
5%
SR
Slew rate at unity gain
VI = 10 V,
RL = 10 kΩ,
CL= 100 pF,
See Figure 1
0.5
V/
µs


Similar Part No. - TL022C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
TL022CD TI-TL022CD Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
TL022CP TI-TL022CP Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TL022C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com