Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C450N Datasheet(PDF) 6 Page - Texas Instruments

Part # TL16C450N
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C450N Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL16C450N Datasheet HTML 2Page - Texas Instruments TL16C450N Datasheet HTML 3Page - Texas Instruments TL16C450N Datasheet HTML 4Page - Texas Instruments TL16C450N Datasheet HTML 5Page - Texas Instruments TL16C450N Datasheet HTML 6Page - Texas Instruments TL16C450N Datasheet HTML 7Page - Texas Instruments TL16C450N Datasheet HTML 8Page - Texas Instruments TL16C450N Datasheet HTML 9Page - Texas Instruments TL16C450N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TL16C450
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS037C − MARCH 1988 − REVISED JANUARY 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
HIgh-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 5.25 V,
VSS = 0,
±10
A
IIkg
Input leakage current
VCC = 5.25 V,
VSS = 0,
VI = 0 to 5.25 V,
All other terminals floating
±10
µA
IOZ
High-impedance output current
VCC = 5.25 V,
VSS = 0,
VO = 0 V to 5.25 V,
±20
A
IOZ
High-impedance output current
VO = 0 V to 5.25 V,
Chip selected, write mode,or chip deselected
±20
µA
VCC = 5.25 V,
TA = 25°C,
ICC
Supply current
VCC = 5.25 V,
TA = 25 C,
SIN, DSR, DCD, CTS, and RI at 2 V,
10
mA
ICC
Supply current
SIN, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V,
Baud rate = 50 kbits/s,
10
mA
CC
All other inputs at 0.8 V,
Baud rate = 50 kbits/s,
XTAL1 at 4 MHz,
No load on outputs
CXTAL1 Clock input capacitance
V
= 0,
V
= 0,
15
20
pF
CXTAL2 Clock output capacitance
VCC = 0,
VSS = 0,
f = 1 MHz,
TA = 25°C,
20
30
pF
Ci
Input capacitance
CC
SS
f = 1 MHz,
TA = 25°C,
All other terminals grounded
6
10
pF
Co
Output capacitance
All other terminals grounded
10
20
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ These parameters apply for all outputs except XTAL2.
system timing requirements over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
FIGURE
MIN
MAX
UNIT
tcR
Cycle time, read (tw7 + td8 + td9)
175
ns
tcW
Cycle time, write (tw6 + td5 + td6)
175
ns
tw5
Pulse duration, ADS low
2, 3
15
ns
tw6
Pulse duration, write strobe
2
80
ns
tw7
Pulse duration, read strobe
3
80
ns
twMR
Pulse duration, master reset
1000
ns
tsu1
Setup time, address valid before ADS
2, 3
15
ns
tsu2
Setup time, CS valid before ADS
2, 3
15
ns
tsu3
Setup time, data valid before WR1
↓ or WR2↑
2
15
ns
th1
Hold time, address low after ADS
2, 3
0
ns
th2
Hold time, CS valid after ADS
2, 3
0
ns
th3
Hold time, CS valid after WR1
↑ or WR2↓
2
20
ns
th4§
Hold time, address valid after WR1
↑ or WR2↓
2
20
ns
th5
Hold time, data valid after WR1
↑ or WR2↓
2
15
ns
th6
Hold time, CS valid after RD1
↑ or RD2↓
3
20
ns
th7§
Hold time, address valid after RD1
↑ or RD2↓
3
20
ns
td4§
Delay time, CS valid before WR1
↓ or WR2↑
2
15
ns
td5§
Delay time, address valid before WR1
↓ or WR2↑
2
15
ns
td6
Delay time, write cycle, WR1
↑ or WR2↓ to ADS↓
2
80
ns
td7§
Delay time, CS valid to RD1
↓ or RD2↑
3
15
ns
td8§
Delay time, address valid to RD1
↓ or RD2↑
3
15
ns
td9
Delay time, read cycle, RD1
↑ or RD2↓ to ADS↓
3
80
ns
§ Only applies when ADS is low.


Similar Part No. - TL16C450N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450N TI-TL16C450N Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

Similar Description - TL16C450N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com