Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6062IDGNRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6062IDGNRG4
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062IDGNRG4 Datasheet(HTML) 2 Page - Texas Instruments

  THS6062IDGNRG4 Datasheet HTML 1Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 2Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 3Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 4Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 5Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 6Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 7Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 8Page - Texas Instruments THS6062IDGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
1OUT
1IN−
1IN+
VCC+
2OUT
2IN−
2IN+
VCC−
+
+
1
2
3
4
5
6
7
8
THS6062
SLOS228D – JANUARY 1999 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
HIGH-SPEED XDSL LINE DRIVER/RECEIVER FAMILY
THD
SR
IO
Vn
DEVICE
DRIVER
RECEIVER
5 V
±5 V
±15 V
BW (MHz)
f = 1 MHz
(nV/
√Hz)
(V/
μs)
(mA)
(dB)
THS6002
140
1000
–62
500
1.7
THS6012
140
1300
–65
500
1.7
THS6022
210
1900
–66
250
1.7
THS6062
100
100
–72
90
1.6
THS7002
70
100
–84
25
2.0
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
PowerPAD PLASTIC
EVALUATION
MSOP SYMBOL
SMALL OUTLINE(1) (D)
MSOP(1) (DGN)
MODULE
0
°C to 70°C
THS6062CD
THS6062CDGN
TIABE
THS6062EVM
–40
°C to 85°C
THS6062ID
THS6062IDGN
TIABH
(1)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS6062CDGNR).
2
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS6062


Similar Part No. - THS6062IDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062IDGNR TI1-THS6062IDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062IDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com