Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL5942ANFC Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL5942ANFC
Description  CURRENT-MODE-PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL5942ANFC Datasheet(HTML) 2 Page - Texas Instruments

  TIL5942ANFC Datasheet HTML 1Page - Texas Instruments TIL5942ANFC Datasheet HTML 2Page - Texas Instruments TIL5942ANFC Datasheet HTML 3Page - Texas Instruments TIL5942ANFC Datasheet HTML 4Page - Texas Instruments TIL5942ANFC Datasheet HTML 5Page - Texas Instruments TIL5942ANFC Datasheet HTML 6Page - Texas Instruments TIL5942ANFC Datasheet HTML 7Page - Texas Instruments TIL5942ANFC Datasheet HTML 8Page - Texas Instruments TIL5942ANFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TIL5942, TIL5942A
CURRENT-MODE-PWM CONTROLLER
WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
SOES040 – OCTOBER 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Voltage
Reference
Voltage
Regulator
Oscillator
DQ
CLK
R
Driver
LED
Primary
Secondary
TL1431X
11
13
12
14
4
3
1
2
1V
10
9
16
15
REG
OUT
IS
VC
VCC
PWM_GND
REF
RT/CT
BIAS
COMP
FB
INPUT_GND
I(VC)
IIB(IS)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
FB
1
I
Feedback. FB is an error-amplifier inverting input.
INPUT_GND
2
I
Ground connection for the voltage reference/error amplifier section.
COMP
3
O
Error amplifier output/LED cathode connection. RC networks may be connected between COMP, FB, and
GND to stabilize the control loop of the dc/dc converter.
BIAS
4
I
Optocoupler LED anode. BIAS connects to the output voltage of the dc/dc converter or to some other suitable
supply voltage through a resistor.
NC
7,8
No connection.
OUT
9
O
Drive output. OUT is a pulse-width-modulated output.
REG
10
O
Regulator output. A 0.1-
µF, typical, ceramic capacitor should be connected between REG and PWM_GND.
VCC
11
I
Supply voltage for PWM controller
REF
12
O
PWM 5-V reference output
PWM_GND
13
I
PWM ground connection
RT/CT
14
Connection for external RC network to set PWM oscillator frequency
VC
15
Connection for integrating capacitor (0.1
µF typ) to PWM_GND (terminal 13)
IS
16
I
PWM current sense input


Similar Part No. - TIL5942ANFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL5942 TI-TIL5942 Datasheet
293Kb / 19P
[Old version datasheet]   CURRENT-MODE-PWM CONTROLLER WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
More results

Similar Description - TIL5942ANFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com