Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8515512SA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8515512SA
Description  HIGH-PERFORMANCE IMPACT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8515512SA Datasheet(HTML) 1 Page - Texas Instruments

  5962-8515512SA Datasheet HTML 1Page - Texas Instruments 5962-8515512SA Datasheet HTML 2Page - Texas Instruments 5962-8515512SA Datasheet HTML 3Page - Texas Instruments 5962-8515512SA Datasheet HTML 4Page - Texas Instruments 5962-8515512SA Datasheet HTML 5Page - Texas Instruments 5962-8515512SA Datasheet HTML 6Page - Texas Instruments 5962-8515512SA Datasheet HTML 7Page - Texas Instruments 5962-8515512SA Datasheet HTML 8Page - Texas Instruments 5962-8515512SA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TIBPAL16L8-15M, TIBPAL16R4-15M
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS018B − D3338, JANUARY 1986 − REVISED NOVEMBER 2011
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Performance Operation:
Propagation Delay . . . 15 ns Max
D Power-Up Clear on Registered Devices (All
Register Outputs are Set High, but Voltage
Levels at the Output Pins Go Low)
D Package Options Include Ceramic Flat (W)
Packages, Ceramic Chip Carriers (FK), and
Ceramic (J) 300-mil DIPs
D Dependable Texas Instruments Quality and
Reliability
DEVICE
I
INPUTS
3-STATE
O OUTPUTS
REGISTERED
Q OUTPUTS
I/O
PORTS
PAL16L8
10
2
0
6
PAL16R4
8
0
4 (3-state buffers)
4
PAL16R6
8
0
6 (3-state buffers)
2
PAL16R8
8
0
8 (3-state buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT-X™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for futher
reduction in board space.
The TIBPAL16’ M series is characterized for
operation over the full military temperature range
of −55°C to 125°C.
IMPORTANT PROGAMMING NOTE: For TIBPAL16L8−15M devices in J, W, or FK packages − For date code
9903A or later device programming, select from either TI Military/16L8−12 or TI commercial TI/16L8−10 on
the Manufacturer/Device menu listing in your programming system.
IMPORTANT PROGAMMING NOTE: For TIBPAL16R4−15M devices in J, W, or FK packages − For date code
9616A or later device programming, select from either TI Military/16R4−12 or TI commercial TI /16R4−10 on
the Manufacturer/Device menu listing in your programming system.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 1996 − 2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IMPACT is a trademark of Texas Instruments Incorporated.
PAL is a registered trademark of Advanced Micro Devices Inc.
Pin assignments in operating mode
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I
I
I
I
I
I
I
I
I
GND
VCC
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
TIBPAL16L8’
J OR W PACKAGE
(TOP VIEW)
3 2 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
TIBPAL16L8’
FK PACKAGE
(TOP VIEW)
TIBPAL16L8-15M is Not Recommended for New Designs


Similar Part No. - 5962-8515512SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-85155132A TI-5962-85155132A Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515513RA TI-5962-8515513RA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515513SA TI-5962-8515513SA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-85155142A TI-5962-85155142A Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515514RA TI-5962-8515514RA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - 5962-8515512SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10C TI1-TIBPAL22V10C_15 Datasheet
473Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
5962-85155052A TI-5962-85155052A Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com