Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL16R4-20M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TIBPAL16R4-20M
Description  HIGH-PERFFORMANCE IMPACT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL16R4-20M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL16R4-20M Datasheet HTML 6Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 7Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 8Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 9Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 10Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 11Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 12Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 13Page - Texas Instruments TIBPAL16R4-20M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TIBPAL 16L8-15C, TIBPAL 16R4-15C, TIBPAL 16R6-15C, TIBPAL 16R8-15C
HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS019A – FEBRUARY 1984 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.5
V
VOH
VCC = 4.75 V,
IOH = –3.2 mA
2.4
3.3
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.35
0.5
V
IOZH
Outputs
VCC = 5 25 V
VO =2 7V
20
µA
IOZH
I/O ports
VCC = 5.25 V,
VO = 2.7 V
100
µA
IOZL
Outputs
VCC = 5 25 V
VO =0 4V
–20
µA
IOZL
I/O ports
VCC = 5.25 V,
VO = 0.4 V
–250
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
–0.2
mA
IO‡
VCC = 5.25 V,
VO = 2.25 V
–30
–125
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
140
180
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the short-circuit output current, IOS.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fmax
50
MHz
tpd
I, I/O
O, I/O
10
15
ns
tpd
CLK
Q
R1 = 500
Ω,
8
12
ns
ten
OE
Q
R1
500
Ω,
R2 = 500
Ω,
SFi
8
12
ns
tdis
OE
Q
See Figure 3
7
10
ns
ten
I, I/O
O, I/O
10
15
ns
tdis
I, I/O
O, I/O
10
15
ns
† All typical values are at VCC = 5 V, TA = 25°C.
TIBPAL16R6-20M and TIBPAL16R8-20M are Not Recommended for New Designs


Similar Part No. - TIBPAL16R4-20M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16R4-20M TI-TIBPAL16R4-20M Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16R4-20M TI-TIBPAL16R4-20M Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16R4-20M TI-TIBPAL16R4-20M Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16R4-20M TI-TIBPAL16R4-20M Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16R4-20MFKB TI-TIBPAL16R4-20MFKB Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
More results

Similar Description - TIBPAL16R4-20M

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
M6J200AX106 MARATHON-M6J200AX106 Datasheet
365Kb / 3P
   High Impact Thermoplastic
6/3/2021
logo
Texas Instruments
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
logo
Marathon Special Produc...
6M30AXBCU MARATHON-6M30AXBCU Datasheet
203Kb / 3P
   High Impact Thermoplastic
REV-D 02/19/2019
logo
Texas Instruments
TIBPAL22V10C TI1-TIBPAL22V10C_15 Datasheet
473Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
5962-85155052A TI-5962-85155052A Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com