Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2308DS-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2308DS-T1
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2308DS-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2308DS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2308DS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2308DS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2308DS-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D 100% Rg Tested
Si2308DS
Vishay Siliconix
Document Number: 70797
S-31725—Rev. B, 18-Aug-03
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.16 @ VGS = 10 V
2.0
60
0.22 @ VGS = 4.5 V
1.7
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2308DS (A8)*
*Marking Code
Ordering Information: Si2308DS-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
2.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
1.6
A
Pulsed Drain Currentb
IDM
10
A
Continuous Source Current (Diode Conduction)a
IS
1.0
Maximum Power Dissipationa
TA = 25_C
PD
1.25
W
Maximum Power Dissipationa
TA = 70_C
PD
0.80
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Unit
Maximum Junction-to-Ambienta
R
100
_C/W
Maximum Junction-to-Ambientc
RthJA
166
_C/W
Notes
a.
Surface Mounted on FR4 Board, t = v5 sec.
b.
Pulse width limited by maximum junction temperature.
c.
Surface Mounted on FR4 Board
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Similar Part No. - SI2308DS-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2308DS-T1-E3 VISHAY-SI2308DS-T1-E3 Datasheet
192Kb / 8P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI2308DS-T1-GE3 VBSEMI-SI2308DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2308DS-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com