Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2308DS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI2308DS
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2308DS Datasheet(HTML) 4 Page - Vishay Siliconix

  SI2308DS Datasheet HTML 1Page - Vishay Siliconix SI2308DS Datasheet HTML 2Page - Vishay Siliconix SI2308DS Datasheet HTML 3Page - Vishay Siliconix SI2308DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si2308DS
Vishay Siliconix
www.vishay.com
4
Document Number: 70797
S-31725—Rev. B, 18-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-0.8
-0.6
-0.4
-0.2
-0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2468
10
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
10
500
1
10
ID = 2.0 A
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.01
0
1
9
12
3
6
100
0.1
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Threshold Voltage
TJ - Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Time (sec)
10
100


Similar Part No. - SI2308DS

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
SI2308DS TGS-SI2308DS Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2308DS-T1-E3 VISHAY-SI2308DS-T1-E3 Datasheet
192Kb / 8P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI2308DS-T1-GE3 VBSEMI-SI2308DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2308DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com