Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4022IDGN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022IDGN
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022IDGN Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4022IDGN Datasheet HTML 7Page - Texas Instruments THS4022IDGN Datasheet HTML 8Page - Texas Instruments THS4022IDGN Datasheet HTML 9Page - Texas Instruments THS4022IDGN Datasheet HTML 10Page - Texas Instruments THS4022IDGN Datasheet HTML 11Page - Texas Instruments THS4022IDGN Datasheet HTML 12Page - Texas Instruments THS4022IDGN Datasheet HTML 13Page - Texas Instruments THS4022IDGN Datasheet HTML 14Page - Texas Instruments THS4022IDGN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
NF
+ 10log 1 )
en
2
) IN+
R
S
2
4 kTR
S
0
2
4
6
8
10
12
14
16
Source Resistance −
10
100
1k
10k
G028
f = 10 kHz
TA = 25°C
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
Figure 32 shows the noise figure graph for the THS402x.
NOISE FIGURE
vs
SOURCE RESISTANCE
Figure 32. Noise Figure vs Source Resistance
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4022IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4022IDGN TI-THS4022IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4022IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com