Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4022IDGN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022IDGN
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022IDGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4022IDGN Datasheet HTML 4Page - Texas Instruments THS4022IDGN Datasheet HTML 5Page - Texas Instruments THS4022IDGN Datasheet HTML 6Page - Texas Instruments THS4022IDGN Datasheet HTML 7Page - Texas Instruments THS4022IDGN Datasheet HTML 8Page - Texas Instruments THS4022IDGN Datasheet HTML 9Page - Texas Instruments THS4022IDGN Datasheet HTML 10Page - Texas Instruments THS4022IDGN Datasheet HTML 11Page - Texas Instruments THS4022IDGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
100k
1G
1M
G026
10M
100M
VCC = ±15 V & ±5 V
−VCC
+VCC
f − Frequency − Hz
10
100
1k
100k
1
10
100
G025
10k
VCC = ± 15 V and ± 5 V
TA = 25°C
Vn
In
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
100k
1G
1M
G027
10M
100M
VCC = ±15 V or ±5 V
RF = 20 kΩ
VI(PP) = 2 V
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
VOLTAGE AND CURRENT NOISE
POWER SUPPLY REJECTION RATIO
COMMON MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 27.
Figure 28.
Figure 29.
8
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4022IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4022IDGN TI-THS4022IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4022IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com