Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5651AIDWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS5651AIDWRG4
Description  10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5651AIDWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS5651AIDWRG4 Datasheet HTML 5Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 6Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 7Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 8Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 9Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 10Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 11Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 12Page - Texas Instruments THS5651AIDWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
THS5651A
10BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS260A − FEBRUARY 2000 − REVISED SEPTEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
60
66
72
78
84
90
0.0
0.5
1.0
1.5
2.0
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 5 MSPS
Fout − Output Frequency − MHz
DVDD = 3.3 V
−12 dBFS
−6 dBFS
0 dBFS
54
60
66
72
78
84
024
68
10
Figure 10
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 25 MSPS
Fout − Output Frequency − MHz
DVDD = 3.3 V
−12 dBFS
0 dBFS
−6 dBFS
Figure 11
48
54
60
66
72
78
0
5
10
15
20
25
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 50 MSPS
Fout − Output Frequency − MHz
DVDD = 3.3 V
−12 dBFS
−6 dBFS
0 dBFS
48
54
60
66
72
78
0
102030
40
Figure 12
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 70 MSPS
Fout − Output Frequency − MHz
DVDD = 3.3 V
−12 dBFS
−6 dBFS
0 dBFS
†AV
DD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5651AIDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651AIDW TI-THS5651AIDW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651AIDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com