Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4022ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022ID
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022ID Datasheet(HTML) 4 Page - Texas Instruments

  THS4022ID Datasheet HTML 1Page - Texas Instruments THS4022ID Datasheet HTML 2Page - Texas Instruments THS4022ID Datasheet HTML 3Page - Texas Instruments THS4022ID Datasheet HTML 4Page - Texas Instruments THS4022ID Datasheet HTML 5Page - Texas Instruments THS4022ID Datasheet HTML 6Page - Texas Instruments THS4022ID Datasheet HTML 7Page - Texas Instruments THS4022ID Datasheet HTML 8Page - Texas Instruments THS4022ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±15 V, 5-V step
40
Settling time to 0.1%
Gain = –10
VCC = ±5 V, 2-V step
50
ts
ns
VCC = ±15 V, 5-V step
145
Settling time to 0.01%
Gain = –10
VCC = ±5 V, 2-V step
150
Noise/Distortion Performance
RL = 150 Ω
–68
VO(pp) = 2 V, f = 1 MHz,
gain = 2, VCC = ±15 V
RL = 1 kΩ
–77
THD
Total harmonic distortion
dBc
RL = 150 Ω
–69
VO(pp) = 2 V, f = 1 MHz,
gain = 2, VCC = ±5 V
RL = 1 kΩ
–78
Vn
Input voltage noise
VCC = ±5 V or ±15 V, f > 10 kHz
1.5
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V, f > 10 kHz
2
pA/
√Hz
VCC = ±15
0.02%
Gain = 2, NTSC, 40 IRE
Differential gain error
modulation, ±100 IRE ramp
VCC = ±5 V
0.02%
VCC = ±15
0.08
Gain = 2, NTSC, 40 IRE
Differential phase error
°
modulation, ±100 IRE ramp
VCC = ±5 V
0.06
Channel-to-channel crosstalk
XT
VCC = ±5 V or ±15 V, f = 1 MHz
–60
dB
(THS4022 only)
DC Performance
TA = 25°C
40
60
VCC = ±15 V, VO = ±10 V,
RL = 1 kΩ
TA = full range
35
Open-loop gain
V/mV
TA = 25°C
20
35
VCC = ±5 V, VO = ±2.5 V,
RL = 250 Ω
TA = full range
15
TA = 25°C
0.5
2
VOS
Input offset voltage
mV
TA = full range
3
Offset voltage drift
TA = full range
15
μV/
°C
VCC = ±5 V or ±15 V
TA = 25°C
3
6
IIB
Input bias current
μA
TA = full range
6
TA = 25°C
30
250
IOS
Input offset current
nA
TA = full range
400
Offset current drift
TA = full range
0.3
nA/
°C
Input Characteristics
VCC = ±15 V
±13.8
±14.3
Common-mode input voltage
VICR
V
range
VCC = ±5 V
±3.8
±4.3
CMRR
Common-mode rejection ratio VCC = ±15 V, VICR = ±12 V, TA = full range
74
95
dB
ri
Input resistance
1
M
Ci
Input capacitance
1.5
pF
Output Characteristics
VCC = ±15 V
RL = 250 Ω
±12
±12.5
VCC = ±5 V
RL = 150 Ω
±3
±3.3
VO
Output voltage swing
V
VCC = ±15 V
±13
±13.5
RL = 1 kΩ
VCC = ±5 V
±3.4
±3.8
VCC = ±15 V
80
100
IO
Output current
RL = 20 Ω
mA
VCC = ±5 V
50
75
ISC
Short-circuit current(3)
VCC = ±15 V
150
mA
RO
Output resistance(3)
Open loop
13
(3)
Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily
loaded or shorted. See the Absolute Maximum Ratings table of this data sheet for more information.
4
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4022ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4022ID TI-THS4022ID Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4022IDGN TI-THS4022IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4022ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com