Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4061MFKB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4061MFKB
Description  180-MHz HIGH-SPEED AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4061MFKB Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4061MFKB Datasheet HTML 2Page - Texas Instruments THS4061MFKB Datasheet HTML 3Page - Texas Instruments THS4061MFKB Datasheet HTML 4Page - Texas Instruments THS4061MFKB Datasheet HTML 5Page - Texas Instruments THS4061MFKB Datasheet HTML 6Page - Texas Instruments THS4061MFKB Datasheet HTML 7Page - Texas Instruments THS4061MFKB Datasheet HTML 8Page - Texas Instruments THS4061MFKB Datasheet HTML 9Page - Texas Instruments THS4061MFKB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Unity-gain bandwidth
Closed loop,
RL = 1 kΩ
VCC = ±15 V
*140
180
MHz
VCC = ±15 V
Gain = 1
180
MHz
Dynamic performance small-signal
VCC = ±5 V
Gain = 1
180
MHz
BW
Dynamic performance small-signal
bandwidth (−3 dB)
VCC = ±15 V
Gain = −1
50
MHz
BW
bandwidth (−3 dB)
VCC = ±5 V
Gain = −1
50
MHz
Bandwidth for 0.1 dB flatness
VCC = ±15 V
Gain = 1
75
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = 1
20
MHz
SR
Slew rate
VCC = ±15 V
RL = 1 kΩ
*400
500
V/
µs
Settling time to 0.1%
VCC = ±15 V,
5-V step (0 V to 5 V)
Gain = −1
40
ns
ts
Settling time to 0.1%
VCC = ±5 V,
VO = −2.5 V to 2.5 V,
Gain = −1
40
ns
ts
Settling time to 0.01%
VCC = ±15 V,
5-V step (0 V to 5 V)
Gain = −1
140
ns
Settling time to 0.01%
VCC = ±5 V,
VO = −2.5 V to 2.5 V,
Gain = −1
150
ns
† Full range = −55°C to 125°C for M suffix
*This parameter is not tested.
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
THD
Total harmonic distortion
f = 1 MHz
−72
dBc
Vn
Input voltage noise
f = 10 kHz,
VCC = ±5 V or ±15 V
14.5
nV/
√Hz
In
Input current noise
f = 10 kHz,
VCC = ±5 V or ±15 V
1.6
pA/
√Hz
Differential gain error
Gain = 2,
NTSC, 40 IRE Modulation
VCC = ±15 V
0.02
%
Differential gain error
Gain = 2,
NTSC, 40 IRE Modulation
VCC = ±5 V
0.02
%
Differential phase error
Gain = 2,
NTSC, 40 IRE Modulation
VCC = ±15 V
0.02
°
Differential phase error
Gain = 2,
NTSC, 40 IRE Modulation
VCC = ±5 V
0.06
°
† Full range = −55°C to 125°C for M suffix
dc performance
PARAMETER
TEST CONDITIONS†
THS4061M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Open loop gain
VCC = ±15 V,
VO = ±10 V, RL = 1 kΩ
TA = full range
5
9
V/mV
Open loop gain
VCC = ±5 V,
VO = ±2.5 V, RL = 1 kΩ
TA = full range
2.5
6
V/mV
Input offset voltage
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = 25°C
2.5
8
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = full range
9
mV
VIO
Offset drift
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = full range
15
µV/°C
IIB
Input bias current
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = full range
3
6
µA
IIO
Input offset current
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = full range
75
250
nA
Offset current drift
VCC = ±5 V or ±15 V
RL = 1 kΩ
TA = full range
0.3
nA/
°C
† Full range = −55°C to 125°C for M suffix


Similar Part No. - THS4061MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061MFKB TI-THS4061MFKB Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061MFKB NSC-THS4061MFKB Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
More results

Similar Description - THS4061MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com