Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5651IDW Datasheet(PDF) 6 Page - Texas Instruments

Part # THS5651IDW
Description  10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5651IDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS5651IDW Datasheet HTML 2Page - Texas Instruments THS5651IDW Datasheet HTML 3Page - Texas Instruments THS5651IDW Datasheet HTML 4Page - Texas Instruments THS5651IDW Datasheet HTML 5Page - Texas Instruments THS5651IDW Datasheet HTML 6Page - Texas Instruments THS5651IDW Datasheet HTML 7Page - Texas Instruments THS5651IDW Datasheet HTML 8Page - Texas Instruments THS5651IDW Datasheet HTML 9Page - Texas Instruments THS5651IDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
THS5651
10-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS197A – JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, IOUTFS = 20 mA (unless otherwise noted)
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Interface
VIH
High level input voltage
DVDD = 5 V
3.5
5
V
VIH
High-level input voltage
DVDD = 3.3 V
2.1
3.3
V
VIL
Low level input voltage
DVDD = 5 V
0
1.3
V
VIL
Low-level input voltage
DVDD = 3.3 V
0
0.9
V
IIH
High-level input current
DVDD = 3 V to 5.5 V
–10
10
µA
IIL
Low-level input current
DVDD = 3 V to 5.5 V
–10
10
µA
Input capacitance
1
5
pF
Timing
tsu(D)
Input setup time
1
ns
th(D)
Input hold time
1
ns
tw(LPH)
Input latch pulse high time
4
ns
td(D)
Digital delay time
1
clk
Specifications subject to change


Similar Part No. - THS5651IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651IDW TI-THS5651IDW Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com