Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS127L01 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS127L01
Description  Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS127L01 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS127L01 Datasheet HTML 5Page - Texas Instruments ADS127L01 Datasheet HTML 6Page - Texas Instruments ADS127L01 Datasheet HTML 7Page - Texas Instruments ADS127L01 Datasheet HTML 8Page - Texas Instruments ADS127L01 Datasheet HTML 9Page - Texas Instruments ADS127L01 Datasheet HTML 10Page - Texas Instruments ADS127L01 Datasheet HTML 11Page - Texas Instruments ADS127L01 Datasheet HTML 12Page - Texas Instruments ADS127L01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
THS4551
www.ti.com
SBOS778A – APRIL 2016 – REVISED AUGUST 2016
Product Folder Links: THS4551
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: (VS+) – (VS–) = 3 V (continued)
at TA ≈ 25°C, VOCM pin = open, RF = 1 kΩ, RL = 1 kΩ, VOUT = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for ac-coupled tests (unless otherwise noted);
see Figure 61 for a gain of 1-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(5)
TA = 25°C and ICC ≈ 1.31 mA. The test limit is expanded for the ATE ambient range of 22°C to 32°C with a 4-µA/°C ICC temperature
coefficient considered; see Figure 95.
INPUT
Common-mode input, low
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(VS–) – 0.2 (VS–) – 0.1
V
A
TA = –40°C to +125°C
(VS–) – 0.1
VS–
B
Common-mode input, high
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(VS+) – 1.2
(VS+) –1.1
V
A
TA = –40°C to +125°C
(VS+) – 1.3
(VS+) –1.2
B
CMRR
Common-mode rejection ratio
Input pins at [(VS+) – (VS–)] / 2
90
110
dB
A
Input impedance differential mode
Input pins at [(VS+) – (VS–)] / 2
100 || 1.2
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA = 25°C
(VS–) + 0.2
(VS–) +
0.21
V
A
TA = –40°C to +125°C
(VS–) + 0.2
(VS–) +
0.22
B
VOH
Output voltage, high
TA = 25°C
(VS+) –
0.21
(VS+) – 0.2
V
A
TA = –40°C to +125°C
(VS+) –
0.22
(VS+) – 0.2
B
Continuous output current
±1.4 V, RL = 40 Ω,
VOCM offset < 15 mV
TA = 25°C
±35
±40
mA
A
±1.2 V, RL = 40 Ω,
VOCM offset < ±15 mV
TA = –40°C to +125°C
±30
B
Linear output current
±1.4 V, RL = 50 Ω,
AOL > 80 dB
TA = 25°C
±28
±35
mA
A
±1 V, RL = 50 Ω,
AOL > 80 dB
TA = –40°C to +125°C
±20
B
POWER SUPPLY
Specified operating voltage
2.7
3
5.4
V
B
IQ
Quiescent operating current
TA ≈ 25°C
(5), V
S+ = 3 V
1.24
1.31
1.40
mA
A
TA = –40°C to +125°C, VS+ = 3 V
0.96
1.84
B
dIQ/dT
Quiescent current temperature
coefficient
VS+ = 3 V
2.0
3.4
5.0
µA/°C
B
±PSRR Power-supply rejection ratio
Either supply pin to differential VOUT
90
105
dB
A
POWER-DOWN
Enable voltage threshold
Specified on above 1.7 V
(VS–) + 1.15
V
A
Disable voltage threshold
Specified off below 0.7 V
(VS–) + 0.55
V
A
Disable pin bias current
PD = VS– → VS+
–100
±10
100
nA
B
IQ(PD)
Power-down quiescent current
1.5
8
µA
A
tON
Turn-on time delay
Time from PD = low to VOUT = 90% of final value
750
ns
C
tOFF
Turn-off time delay
Time from PD = low to VOUT = 10% of final value
150
ns
C


Similar Part No. - ADS127L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS127L01 TI1-ADS127L01 Datasheet
3Mb / 86P
[Old version datasheet]   24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
ADS127L01IPBS TI1-ADS127L01IPBS Datasheet
3Mb / 86P
[Old version datasheet]   24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
ADS127L01IPBSR TI1-ADS127L01IPBSR Datasheet
3Mb / 86P
[Old version datasheet]   24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
More results

Similar Description - ADS127L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com