Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4541 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments THS4541 Datasheet HTML 12Page - Texas Instruments THS4541 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
THS4541
www.ti.com
SLOS375A – AUGUST 2014 – REVISED SEPTEMBER 2014
Electrical Characteristics: Vs+ – Vs– = 3 V (continued)
At TA ≈ 25°C, Vocm = open (defaults midsupply), VOUT = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs, unless otherwise noted. See Figure 61 for an ac-coupled gain of a
2-V/V test circuit, and Figure 63 for a dc-coupled gain of a 2-V/V test circuit.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
DC PERFORMANCE
AOL
Open-loop voltage gain
100
119
dB
A
TA = 25°C
–450
±100
400
µV
A
TA = 0°C to 70°C
–600
±100
600
µV
B
Input-referred offset voltage
TA = –40°C to 85°C
–700
±100
700
µV
B
TA = –40°C to 125°C
–850
±100
850
µV
B
Input offset voltage drift(3)
TA = –40°C to 125°C
–2.4
±0.5
2.4
µV/°C
B
TA = 25°C
4.1
9
12
µA
A
TA = 0°C to 70°C
4.1
9
12.5
µA
B
Input bias current
(positive out of node)
TA = –40°C to 85°C
4.1
9
13
µA
B
TA = –40°C to 125°C
4.1
9
13.5
µA
B
Input bias current drift(3)
TA = –40°C to 125°C
–5
15
nA/°C
B
TA = 25°C
–500
±150
500
nA
A
TA = 0°C to 70°C
–550
±150
550
nA
B
Input offset current
TA = –40°C to 85°C
–580
±150
580
nA
B
TA = –40°C to 125°C
–620
±150
620
nA
B
Input offset current drift(3)
TA = –40°C to 125°C
–1.3
±0.3
1.3
nA/°C
B
INPUT
< 3-dB degradation in
TA = 25°C
Vs– – 0.2
Vs– – 0.1
V
A
Common-mode input low
CMRR from
TA = –40°C to 125°C
Vs– – 0.1
Vs–
V
B
midsupply
< 3-dB degradation in
TA = +25°C
Vs+ – 1.3
Vs+ –1.2
V
A
Common-mode input high
CMRR from
TA = –40°C to 125°C
Vs+ – 1.3
V
B
midsupply
Common-mode rejection ratio
Input pins at (Vs+ – Vs–) / 2
85
100
dB
A
Input impedance differential mode
Input pins at (Vs+ – Vs–) / 2
110 || 0.85
k
Ω || pF
C
OUTPUT
Vs– +
TA = 25°C
Vs– + 0.2
V
A
0.25
Output voltage low
Vs– +
TA = –40°C to 125°C
Vs– + 0.2
V
B
0.25
Vs+ –
TA = 25°C
Vs+ – 0.2
V
A
0.25
Output voltage high
Vs+ –
TA = –40°C to 125°C
Vs+ – 0.2
V
B
0.25
TA = 25°C
±55
±60
mA
A
Output current drive
TA = –40°C to 125°C
±55
mA
B
(3)
Input offset voltage drift, input bias current drift, input offset current drift, and Vocm drift are average values calculated by taking data at
the at the maximum-range ambient-temperature end points, computing the difference, and dividing by the temperature range. Maximum
drift set by distribution of a large sampling of devices. Drift is not specified by test or QA sample test.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: THS4541


Similar Part No. - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
More results

Similar Description - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP Datasheet
1Mb / 32P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com