Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9959501QPA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501QPA
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9959501QPA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9959501QPA Datasheet HTML 3Page - Texas Instruments 5962-9959501QPA Datasheet HTML 4Page - Texas Instruments 5962-9959501QPA Datasheet HTML 5Page - Texas Instruments 5962-9959501QPA Datasheet HTML 6Page - Texas Instruments 5962-9959501QPA Datasheet HTML 7Page - Texas Instruments 5962-9959501QPA Datasheet HTML 8Page - Texas Instruments 5962-9959501QPA Datasheet HTML 9Page - Texas Instruments 5962-9959501QPA Datasheet HTML 10Page - Texas Instruments 5962-9959501QPA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
THS4031, THS4032
www.ti.com
SLOS224H – JULY 1999 – REVISED JUNE 2016
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Electrical Characteristics – RL = 150 Ω (continued)
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω for the THS403xC, THS403xI (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(4)
Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily
loaded or shorted. See the Absolute Maximum Ratings in this data sheet for more information.
NOISE/DISTORTION PERFORMANCE
THD
Total harmonic
distortion
THS4031
VCC = ±5 V or ±15 V,
f = 1 MHz
VO(pp) = 2 V,
Gain = 2
RL = 150 Ω
–81
dBc
RL = 1 kΩ
–96
THS4032
RL = 150 Ω
–72
RL = 1 kΩ
–90
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f > 10 kHz
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f > 10 kHz
1.2
pA/
√Hz
Differential gain error
Gain = 2,
40 IRE modulation,
NTSC and PAL,
±100 IRE ramp
VCC = ±15 V
0.015%
VCC = ±5 V
0.02%
Differential phase error
VCC = ±15 V
0.025
°
VCC = ±5 V
0.03
Channel-to-channel crosstalk
(THS4032 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
–61
dBc
DC PERFORMANCE
Open loop gain
VCC = ±15 V, RL = 1 kΩ, VO = ±10 V
TA = 25°C
93
98
dB
TA = full range
92
VCC = ±5 V, RL = 1 kΩ, VO = ±2.5 V
TA = 25°C
90
95
TA = full range
89
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = 25°C
0.5
2
mV
TA = full range
3
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = 25°C
3
6
μA
TA = full range
8
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = 25°C
30
250
nA
TA = full range
400
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
2
μV/°C
Input offset current drift
VCC = ±5 V or ±15 V
TA = full range
0.2
nA/°C
INPUT CHARACTERISTICS
VICR
Common-mode input voltage
range
VCC = ±15 V
±13.5
±14
V
VCC = ±5 V
±3.8
±4
CMRR
Common-mode rejection
ratio
VCC = ±15 V, VICR = ±12 V
TA = 25°C
85
95
dB
TA = full range
80
VCC = ±5 V, VICR = ±2.5 V
TA = 25°C
90
100
TA = full range
85
ri
Input resistance
2
M
Ci
Input capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13
±13.6
V
VCC = ±5 V
±3.4
±3.8
VCC = ±15 V
RL = 150 Ω
±12
±12.9
VCC = ±5 V
RL = 250 Ω
±3
±3.5
IO
Output current(4)
VCC = ±15 V
RL = 20 Ω
60
90
mA
VCC = ±5 V
50
70
ISC
Short-circuit current(4)
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13


Similar Part No. - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501QPA TI-5962-9959501QPA Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com