Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C44B0X Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C44B0X
Description  RISC MICROPROCESSOR
Download  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C44B0X Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C44B0X Datasheet HTML 1Page - Samsung semiconductor S3C44B0X Datasheet HTML 2Page - Samsung semiconductor S3C44B0X Datasheet HTML 3Page - Samsung semiconductor S3C44B0X Datasheet HTML 4Page - Samsung semiconductor S3C44B0X Datasheet HTML 5Page - Samsung semiconductor S3C44B0X Datasheet HTML 6Page - Samsung semiconductor S3C44B0X Datasheet HTML 7Page - Samsung semiconductor S3C44B0X Datasheet HTML 8Page - Samsung semiconductor S3C44B0X Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 424 page
background image
PRODUCT OVERVIEW
S3C44B0X RISC MICROPROCESSOR
1-2
FEATURES
Architecture
Integrated system for hand-held devices and
general embedded applications.
16/32-Bit RISC architecture and powerful
instruction set with ARM7TDMI CPU core.
Thumb de-compressor maximizes code density
while maintaining performance.
On-chip ICEbreaker debug support with JTAG-
based debugging solution.
32x8 bit hardware multiplier.
New bus architecture to implement Low-Power
SAMBA II(SAMSUNG's ARM CPU embedded
Micro-controller Bus Architecture).
System Manager
Little/Big endian support.
Address space: 32Mbytes per each bank. (Total
256Mbyte)
Supports programmable 8/16/32-bit data bus
width for each bank.
Fixed bank start address and programmable bank
size for 7 banks.
Programmable bank start address and bank size
for one bank.
8 memory banks.
- 6 memory banks for ROM, SRAM etc.
- 2 memory banks for ROM/SRAM/DRAM(Fast
Page, EDO, and Synchronous DRAM)
Fully Programmable access cycles for all
memory banks.
Supports external wait signal to expend the bus
cycle.
Supports self-refresh mode in DRAM/SDRAM for
power-down.
Supports asymmetric/symmetric address of
DRAM.
Cache Memory & internal SRAM
4-way set associative ID(Unified)-cache with
8Kbyte.
The 0/4/8 Kbytes internal SRAM using unused
cache memory.
Pseudo LRU(Least Recently Used) Replace
Algorithm.
Write through policy to maintain the coherence
between main memory and cache content.
Write buffer with four depth.
Request data first fill technique when cache miss
occurs.
Clock & Power Manager
Low power
The on-chip PLL makes the clock for operating
MCU at maximum 66MHz.
Clock can be fed selectively to each function
block by software.
Power mode: Normal, Slow, Idle and Stop mode.
Normal mode: Normal operating mode.
Slow mode: Low frequency clock without PLL
Idle mode: Stop the clock for only CPU
Stop mode: All clocks are stopped
Wake up by EINT[7:0] or RTC alarm interrupt from
Stop mode.
Interrupt Controller
30 Interrupt sources
( Watch-dog timer, 6 Timer, 6 UART, 8 External
interrupts, 4 DMA , 2 RTC, 1 ADC, 1 IIC, 1 SIO )
Vectored IRQ interrupt mode to reduce interrupt
latency.
Level/edge mode on the external interrupt sources
Programmable polarity of edge and level
Supports FIQ (Fast Interrupt request) for very
urgent interrupt request
FEATURES (Continued)


Similar Part No. - S3C44B0X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
More results

Similar Description - S3C44B0X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
logo
Freescale Semiconductor...
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
logo
Samsung semiconductor
S3P7588X SAMSUNG-S3P7588X Datasheet
1Mb / 326P
   4-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com