Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3202DGNG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202DGNG4
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3202DGNG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3202DGNG4 Datasheet HTML 7Page - Texas Instruments THS3202DGNG4 Datasheet HTML 8Page - Texas Instruments THS3202DGNG4 Datasheet HTML 9Page - Texas Instruments THS3202DGNG4 Datasheet HTML 10Page - Texas Instruments THS3202DGNG4 Datasheet HTML 11Page - Texas Instruments THS3202DGNG4 Datasheet HTML 12Page - Texas Instruments THS3202DGNG4 Datasheet HTML 13Page - Texas Instruments THS3202DGNG4 Datasheet HTML 14Page - Texas Instruments THS3202DGNG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
1
2
3
4
5
VO − OutputVoltage − VPP
G=5
RL =100 Ω
VCC = ±5V
Rf =500 Ω
f=10MHz
3rd Harmonic
2nd Harmonic
−100
−95
−90
−85
−80
−75
−70
0
1
2
3
4
5
VO − OutputVoltage − VPP
G=2
RL =500 Ω
VCC = ±5V
Rf =536 Ω
f=1MHz
3rd Harmonic
2nd
Harmonic
−100
−90
−80
−70
−60
−50
0
1
2
3
4
5
VO − OutputVoltage − VPP
G=2
RL =500 Ω
VCC = ±5V
Rf =536 Ω
f=10MHz
3rd Harmonic
2nd
Harmonic
−95
−90
−85
−80
−75
−70
−65
−60
−55
10
60
110
160
210
260
Test Instrument Measurement Limit
VCC = ±5 V
VCC = ±6 V
VCC = ±7 V
RL = 100 Ω, G = 5,
Rf = 536 Ω,
VO = 2VPP_Envelope
∆f = 200 kHz
fc − Frequency − MHz
VCC = ±7.5 V
−100
−95
−90
−85
−80
−75
−70
0
1
2
3
4
5
VO − OutputVoltage − VPP
G=2
RL =100 Ω
VCC = ±5V
Rf =500 Ω
f=1MHz
3rd Harmonic
2nd Harmonic
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
0
1
2
3
4
5
VO − OutputVoltage − VPP
G=2
RL =100 Ω
VCC = ±5V
Rf =500 Ω
f=10MHz
2nd Harmonic
3rd Harmonic
−95
−90
−85
−80
−75
−70
0
20
40
60
80
G = 2
G = 5
VCC = ±5 V
RL = 100 Ω,
Rf = 536 Ω,
∆f = 200 kHz
VO = 2VPP_Envelope
fc − Frequency − MHz
26
28
30
32
34
36
38
40
42
44
46
48
50
10
60
110
160
210
260
Test Instrument Measurement Limit
RL = 100 Ω,
G = 5,
Rf = 536 Ω,
VO = 2VPP_Envelope
∆f = 200 kHz
fc − Frequency − MHz
VCC = ±5 V
VCC = ±6 V
VCC = ±7 V
VCC = ±7.5 V
35
37
39
41
43
45
47
0
20
40
60
80
fc − Frequency − MHz
G = 2
G = 5
VCC = ±5 V
RL = 100 Ω,
Rf = 536 Ω,
∆f = 200 kHz
VO = 2VPP_Envelope
THS3202
www.ti.com
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 28.
Figure 29.
Figure 30.
THS3202
HARMONIC DISTORTION
HARMONIC DISTORTION
IMD3
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
FREQUENCY
Figure 31.
Figure 32.
Figure 33.
THS3202
THS3202
THS3202
IMD3
OIP3
OIP3
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 34.
Figure 35.
Figure 36.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3202


Similar Part No. - THS3202DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202DGN TI-THS3202DGN Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3202DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com