Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9548PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9548PW
Description  8-channel I2C switch with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548PW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9548PW Datasheet HTML 1Page - NXP Semiconductors PCA9548PW Datasheet HTML 2Page - NXP Semiconductors PCA9548PW Datasheet HTML 3Page - NXP Semiconductors PCA9548PW Datasheet HTML 4Page - NXP Semiconductors PCA9548PW Datasheet HTML 5Page - NXP Semiconductors PCA9548PW Datasheet HTML 6Page - NXP Semiconductors PCA9548PW Datasheet HTML 7Page - NXP Semiconductors PCA9548PW Datasheet HTML 8Page - NXP Semiconductors PCA9548PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9548
8-channel I2C switch with reset
2004 Sep 30
5
DEVICE ADDRESSING
Following a START condition the bus master must output the
address of the slave it is accessing. The address of the PCA9548 is
shown in Figure 3. To conserve power, no internal pullup resistors
are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
A1 A0
0A2
SW00915
1
1
1
R/W
FIXED
HARDWARE SELECTABLE
Figure 3. Slave address
The last bit of the slave address defines the operation to be
performed. When set to logic 1, a read is selected while a logic 0
selects a write operation.
CONTROL REGISTER
Following the successful acknowledgement of the slave address,
the bus master will send a byte to the PCA9548, which will be stored
in the control register. If multiple bytes are received by the
PCA9548, it will save the last byte received. This register can be
written and read via the I2C-bus.
B3
B2
B1
B0
SW00932
B7
B6
B5
B4
CHANNEL 0
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
CHANNEL SELECTION BITS
(READ/WRITE)
65
4
2
1
0
73
Figure 4. Control register
CONTROL REGISTER DEFINITION
One or several SCx/SDx downstream pair, or channel, is selected
by the contents of the control register. This register is written after
the PCA9548 has been addressed. The 2 LSBs of the control byte
are used to determine which channel is to be selected. When a
channel is selected, the channel will become active after a stop
condition has been placed on the I2C-bus. This ensures that all
SCx/SDx lines will be in a HIGH state when the channel is made
active, so that no false conditions are generated at the time of
connection.
Table 1. Control Register; Write — Channel Selection/
Read — Channel Status
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND
X
X
X
X
X
X
X
0
Channel 0
disabled
X
X
X
X
X
X
X
1
Channel 0
enabled
X
X
X
X
X
X
0
X
Channel 1
disabled
X
X
X
X
X
X
1
X
Channel 1
enabled
X
X
X
X
X
0
X
X
Channel 2
disabled
X
X
X
X
X
1
X
X
Channel 2
enabled
X
X
X
X
0
X
X
X
Channel 3
disabled
X
X
X
X
1
X
X
X
Channel 3
enabled
X
X
X
0
X
X
X
X
Channel 4
disabled
X
X
X
1
X
X
X
X
Channel 4
enabled
X
X
0
X
X
X
X
X
Channel 5
disabled
X
X
1
X
X
X
X
X
Channel 5
enabled
X
0
X
X
X
X
X
X
Channel 6
disabled
X
1
X
X
X
X
X
X
Channel 6
enabled
0
X
X
X
X
X
X
X
Channel 7
disabled
1
X
X
X
X
X
X
X
Channel 7
enabled
0
0
0
0
0
0
0
0
No channel
selected;
power-up/reset
default state
NOTE: Several channels can be enabled at the same time.
Ex: B7 = 0, B6 = 1, B5 = 0, B4 = 0, B3 = 1, B2 = 1, B1 = 0, B0 = 0,
means that channels 7, 5, 4, 1, and 0 are disabled and channels 6,
3, and 2 are enabled.
Care should be taken not to exceed the maximum bus capacitance.
RESET INPUT
The RESET input is an active-LOW signal which may be used to
recover from a bus fault condition. By asserting this signal LOW for
a minimum of tWL, the PCA9548 will reset its registers and I2C state
machine and will deselect all channels. The RESET input must be
connected to VDD through a pull-up resistor.
POWER-ON RESET
When power is applied to VDD, an internal Power On Reset holds
the PCA9548 in a reset state until VDD has reached VPOR. At this
point, the reset condition is released and the PCA9548 registers and
I2C state machine are initialized to their default states, all zeroes
causing all the channels to be deselected.


Similar Part No. - PCA9548PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
PCA9548A NXP-PCA9548A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com