Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3061DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS3061DG4
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3061DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3061DG4 Datasheet HTML 3Page - Texas Instruments THS3061DG4 Datasheet HTML 4Page - Texas Instruments THS3061DG4 Datasheet HTML 5Page - Texas Instruments THS3061DG4 Datasheet HTML 6Page - Texas Instruments THS3061DG4 Datasheet HTML 7Page - Texas Instruments THS3061DG4 Datasheet HTML 8Page - Texas Instruments THS3061DG4 Datasheet HTML 9Page - Texas Instruments THS3061DG4 Datasheet HTML 10Page - Texas Instruments THS3061DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
At VS = ±5 V: Rf = 560 Ω, RL = 150 Ω , and G = 2, unless otherwise noted.
THS3061, THS3062
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
–40°C
MIN/
0°C to
+25°C
+25°C
to
UNITS
TYP/
+70°C
+85°C
MAX
Current output, sourcing
63
61
60
59
mA
Min
RL = 50 Ω
Current output, sinking
–63
–61
–60
–59
mA
Min
Closed-loop output impedance
G = 1, f = 1 MHz
0.1
Typ
POWER SUPPLY
Specified operating voltage
±5
V
Typ
Minimum operating voltage
±4.5
±4.5
±4.5
V
Min
Maximum quiescent current
6.3
8.0
9.2
9.5
mA
Max
Minimum quiescent current
6.3
5.0
4.7
4.6
mA
Min
Power-supply rejection (+PSRR)
VS+ = 4.50 V to 5.50 V
73
65
63
63
dB
Min
Power-supply rejection (–PSRR)
VS– = –4.50 V to –5.50 V
75
65
63
63
dB
Min
space
space
space
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small-signal frequency response
3-14
Large-signal frequency response
15, 16
Harmonic distortion
vs Frequency
17-23
Harmonic distortion
vs Output voltage
24-29
Output impedance
vs Frequency
30
Common-mode rejection ratio
vs Frequency
31
Input current noise
vs Frequency
32
Voltage noise density
vs Frequency
33
Power-supply rejection ratio
vs Frequency
34
Common-mode rejection ratio (DC)
vs Input common-mode range
35
Supply current
vs Power-supply voltage
36, 37
Slew rate
vs Output voltage
38, 39
Slew rate
vs Output step
40
Input offset voltage
vs Output voltage swing
41
Overdrive recovery time
42, 43
Differential gain
vs Number of 150-
Ω loads
44, 45
Differential phase
vs Number of 150-
Ω loads
46, 47
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3061DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061DG4 TI1-THS3061DG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com