Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1401CPFB Datasheet(PDF) 3 Page - Texas Instruments

Part # THS1401CPFB
Description  14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1401CPFB Datasheet(HTML) 3 Page - Texas Instruments

  THS1401CPFB Datasheet HTML 1Page - Texas Instruments THS1401CPFB Datasheet HTML 2Page - Texas Instruments THS1401CPFB Datasheet HTML 3Page - Texas Instruments THS1401CPFB Datasheet HTML 4Page - Texas Instruments THS1401CPFB Datasheet HTML 5Page - Texas Instruments THS1401CPFB Datasheet HTML 6Page - Texas Instruments THS1401CPFB Datasheet HTML 7Page - Texas Instruments THS1401CPFB Datasheet HTML 8Page - Texas Instruments THS1401CPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
THS1401
THS1403
THS1408
SLAS248D − DECEMBER 1999 − REVISED SEPTEMBER 2005
www.ti.com
3
WR
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
IN−
AVDD
VBG
CML
REF+
REF−
AGND
AGND
DGND
OV
D13
D12
47 46 45 44 43
48
42
40 39 38
41
37
PFB AND PHP PACKAGE
(TOP VIEW)
NC − No internal connection
OE
DGND
DGND
CLK
DVDD
DVDD
D0
D1
D2
DVDD
DGND
14 15 16 17 18
13
19
21 22 23
20
24
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TQFP
(PFB)
PQFP (Power Pad)
(PHP)
0
°C to 70°C
THS1401CPFB,
THS1403CPFB,
THS1408CPFB
−40
°C to 85°C
THS1401IPFB,
THS1403IPFB,
THS1408IPFB
−40
°C to 125°C
THS1401QPHP,
THS1403QPHP,
THS1408QPHP
−55
°C to 125°C
THS1408MPHP


Similar Part No. - THS1401CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401CPFB TI-THS1401CPFB Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401CPFB TI-THS1401CPFB Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1401CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com