Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1041IDWR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS1041IDWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041IDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1041IDWR Datasheet HTML 6Page - Texas Instruments THS1041IDWR Datasheet HTML 7Page - Texas Instruments THS1041IDWR Datasheet HTML 8Page - Texas Instruments THS1041IDWR Datasheet HTML 9Page - Texas Instruments THS1041IDWR Datasheet HTML 10Page - Texas Instruments THS1041IDWR Datasheet HTML 11Page - Texas Instruments THS1041IDWR Datasheet HTML 12Page - Texas Instruments THS1041IDWR Datasheet HTML 13Page - Texas Instruments THS1041IDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 6
−40
−45
−50
−55
−60
−65
−70
−75
−80
0
1020
30
4050
60
70
80
90 100
−0.5 dBFS
−6 dBFS
−20 dBFS
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
Differential Input = 1 V
See Note
0
10
20
3040
50
6070
8090
100
−0.5 dBFS
−6 dBFS
−20 dBFS
Differential Input = 2 V
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
Figure 7
See Note
−40
−45
−50
−55
−60
−65
−70
−75
−80
47
49
51
53
55
57
59
61
0
1020
30
4050
60
7080
90
100
Diff Input = 2 V
SE Input = 2 V
Diff Input = 1 V
SE Input = 1 V
SIGNAL-TO-NOISE RATIO
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
Figure 8
See Note
35
40
45
50
55
60
65
70
75
80
85
0
1020
30
40
50
60
7080
90
100
Diff Input = 2 V
SE Input = 2 V
Diff Input = 1 V
SE Input = 1 V
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY
fi − Input Frequency − MHz
Figure 9
See Note
NOTE: AVDD = DVDD = 3 V,
fS= 40 MSPS,
PGA = 1,
20-pF capacitors AIN+ to AGND and AIN− to AGND,
Input series resistor = 25
Ω,
2-V Input: Ext Ref, REFT = 2 V, REFB = 1 V, −0.5 dBFS
1-V Input: Ext Ref, REFT = 1.75 V, REFB = 1.25 V, −0.5dBFS


Similar Part No. - THS1041IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041IDW TI-THS1041IDW Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
More results

Similar Description - THS1041IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
   DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com