Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THMC45DGNR Datasheet(PDF) 1 Page - Texas Instruments

Part # THMC45DGNR
Description  5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC45DGNR Datasheet(HTML) 1 Page - Texas Instruments

  THMC45DGNR Datasheet HTML 1Page - Texas Instruments THMC45DGNR Datasheet HTML 2Page - Texas Instruments THMC45DGNR Datasheet HTML 3Page - Texas Instruments THMC45DGNR Datasheet HTML 4Page - Texas Instruments THMC45DGNR Datasheet HTML 5Page - Texas Instruments THMC45DGNR Datasheet HTML 6Page - Texas Instruments THMC45DGNR Datasheet HTML 7Page - Texas Instruments THMC45DGNR Datasheet HTML 8Page - Texas Instruments THMC45DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
THMC45
5V AND 3.3V DC BRUSHLESS FAN MOTOR DRIVER
WITH SINGLE WIRE CONTROL
SLIS101A − MAY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-V DC Fan Motor PWM Drive for Speed
Control With No External Power Drive
Stage Required
D High Efficiency H-Bridge Topology With
Integrated Low RDSON MOS Output Drivers
to Drive Single Winding, Bipolar Wound,
Two-Phase BLMs
D Digital PWM Input to Control Output PWM
Frequency and Duty Cycle—Suited for
Cooling Fan Applications Requiring
Variable RPM Control to Reduce
Noise/Increase MTBF
D Single Wire RPM Control, Tachometer
Feedback Signal, and Locked Rotor Detect
Feedback Signal
D Low Current Sleep State
D Tachometer Signal Valid Over Entire RPM
Range
D Noise Immune Signal Conditioning to Allow
Use of Low Cost Hall Effect Position
Sensor
D Locked Rotor Protection With Auto Retry
D Thermal Shutdown Protection
D 8-Pin MSOP PowerPad Package Suited
for Small Fan Circuit Board and Rotor
Housing
description
The THMC45 is a dc brushless motor (BLM) driver and control device designed for use with low-voltage (5 V
or 3.3 V) dc cooling fans having two-phase motors with a single-winding stator. The device includes a
high-efficiency H-bridge pulse width modulation (PWM) drive topology with integrated MOS high-side and
low-side drivers, plus a PWM control input stage to provide the industry’s first efficient speed control solution
inside low-voltage dc cooling fans. This solution eliminates the need for any power drive components on the
main system board, reducing printed-circuit board (PCB) component count, PCB space, and assembly time.
The device also offers two advantages over the other commonly used fan speed control methods, adjustable
external dc supply voltage and adjustable external PWM drive duty cycle.
Unlike the external linear voltage regulation method, the THMC45 high-efficiency PWM drive method adjusts
the level of motor winding power while all other circuitry inside the fan obtains a fixed dc voltage from the fan
supply. This eliminates problems with loss of headroom to internal control circuitry at low fan supply voltage and
the resulting limitation of low-speed operation of 40% that is typically associated with external dc voltage
regulation. The high-efficiency PWM drive method employed by the THMC45 reduces fan supply power
consumption and maximizes full-scale RPM speed over the external linear voltage regulation method, which
has V
× I power loss due to the voltage drop across the regulator.
The THMC45 includes a Hall sensor amplifier and signal conditioning, global thermal shutdown, and locked
rotor protection with automatic restart after a locked rotor condition. The device provides a sleep state to
eliminate the need for an external power component to disconnect the fan from the supply during a system sleep
state. The device also has internal reverse blocking capability to prevent excessive reverse leakage current due
to reversal of power line. The THMC45 is primarily designed for 5-V dc notebook PC cooling fan applications
that require single-wire RPM speed control and tachometer feedback. However, with an open-drain tachometer
output, the device is also suitable for applications that require two wires for RPM speed control and tachometer
signal.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PWM
8
7
6
5
1
2
3
4
VPWR
DGN Package
(TOP VIEW)
H−
OUTA
H+
OUTB
TACH
GND


Similar Part No. - THMC45DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC45 TI-THMC45 Datasheet
277Kb / 16P
[Old version datasheet]   5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTOL
More results

Similar Description - THMC45DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC45 TI-THMC45 Datasheet
277Kb / 16P
[Old version datasheet]   5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTOL
logo
Rohm
BD69060GFT ROHM-BD69060GFT Datasheet
1Mb / 24P
   5 V Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Texas Instruments
DRV8306 TI1-DRV8306 Datasheet
528Kb / 37P
[Old version datasheet]   38-V Brushless DC Motor Controller
logo
Unisonic Technologies
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
logo
Microchip Technology
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
   Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
   3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com