Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5405G Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # UF5405G
Description  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

UF5405G Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  UF5405G Datasheet HTML 1Page - Diode Semiconductor Korea UF5405G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5
3.0
20
40
60
80
100 120 140
0
160
2.5
2.0
1.0
0.5
180
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
UF5400G --- UF5408G
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
0.0 1
0.1
1
10
10 0
0.4 0.6 0.8 1.0 1.2
1.6 1.8
1.4
U F 5400G --U F 5404G
P uls e w idth= 30 0
s
     
T J =25
U F 5405G --U F 5408G
TJ=25
 
f=1MHz
10
20
30
40
50
60
70
80
0.1
1
4
10
100
1000
0
100
125
1
10
100
75
5
8.3ms Single Half
Sine-Wave
50
25
50
20
150
2
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(approx)
(-)
(-)
(-)
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - UF5405G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF5405G PANJIT-UF5405G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
logo
Galaxy Semi-Conductor H...
UF5405G BILIN-UF5405G Datasheet
81Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
UF5405G LUGUANG-UF5405G Datasheet
158Kb / 2P
   Glass Passivated Rectifiers
UF5405G LUGUANG-UF5405G Datasheet
202Kb / 2P
   Glass Passivated Rectifiers
logo
Leshan Radio Company
UF5405G LRC-UF5405G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
More results

Similar Description - UF5405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com