Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP403PZPG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TFP403PZPG4
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403PZPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP403PZPG4 Datasheet HTML 3Page - Texas Instruments TFP403PZPG4 Datasheet HTML 4Page - Texas Instruments TFP403PZPG4 Datasheet HTML 5Page - Texas Instruments TFP403PZPG4 Datasheet HTML 6Page - Texas Instruments TFP403PZPG4 Datasheet HTML 7Page - Texas Instruments TFP403PZPG4 Datasheet HTML 8Page - Texas Instruments TFP403PZPG4 Datasheet HTML 9Page - Texas Instruments TFP403PZPG4 Datasheet HTML 10Page - Texas Instruments TFP403PZPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
dc digital I/O specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level digital input voltage
2
DVDD
V
VIL
Low level digital input voltage
0
0.8
V
I
High level output drive current
ST = High,
VOH = 2.4 V
5
10
18
mA
IOH
High level output drive current
ST = Low,
VOH = 2.4 V
3
6
12
mA
I
Low level output drive current
ST = High,
VOL = 0.8 V
10
13
19
mA
IOL
Low level output drive current
ST = Low,
VOL = 0.8 V
5
7
11
mA
IOZ
Hi-Z output leakage current
PD = Low or PDO = Low
−1
1
μA
Digital inputs are labeled DI in I/O column of Terminal Functions Table.
Digital outputs are labeled DO in I/O column of Terminal Functions Table.
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID
Analog input differential voltage (see Note 3)
75
1200
mv
VIC
Analog input common mode voltage (see Note 3)
AVDD-300
AVDD-37
mv
VI(OC)
Open circuit analog input voltage
AVDD-10
AVDD+10
mv
IDD(2PIX)
Normal 2-pix/clock power supply current (see Note 4)
PIXEL RATE = 82.5 MHz
2-pix/clock
400
mA
I(PD)
Power down current (see Note 5)
PD = Low
10
mA
I(PDO)
Output drive power down current (see Note 5)
PDO = Low
45
mA
NOTES: 3. Specified as dc characteristic with no overshoot or undershoot.
4. Alternating 2-pixel black/2-pixel white pattern. ST = high, STAG = high, QE[23:0] and QO[23:0] CL = 10 pF.
5. Analog inputs are open circuit (transmitter is disconnected from TFP403).


Similar Part No. - TFP403PZPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP403 TI-TFP403 Datasheet
293Kb / 18P
[Old version datasheet]   TI PANEBUS DIGITAL RECEIVER
More results

Similar Description - TFP403PZPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Tripp Lite. All Rights ...
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
   HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
B122-000-60 TRIPPLITE-B122-000-60 Datasheet
165Kb / 3P
   HDMI Signal Booster ??F/F, 1920 x 1200 (1080p) @ 60 Hz, Up to 125 ft., TAA
B126-1A1-U TRIPPLITE-B126-1A1-U Datasheet
168Kb / 4P
   HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
logo
STMicroelectronics
FLI5962H-LF-AA STMICROELECTRONICS-FLI5962H-LF-AA Datasheet
119Kb / 7P
   Multi-function LCD monitor controllers up to WUXGA
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
logo
Tripp Lite. All Rights ...
B126-1A1-U-MCRO TRIPPLITE-B126-1A1-U-MCRO Datasheet
164Kb / 3P
   Micro-HDMI to HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com