Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP403PZP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TFP403PZP
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFP403PZP Datasheet HTML 5Page - Texas Instruments TFP403PZP Datasheet HTML 6Page - Texas Instruments TFP403PZP Datasheet HTML 7Page - Texas Instruments TFP403PZP Datasheet HTML 8Page - Texas Instruments TFP403PZP Datasheet HTML 9Page - Texas Instruments TFP403PZP Datasheet HTML 10Page - Texas Instruments TFP403PZP Datasheet HTML 11Page - Texas Instruments TFP403PZP Datasheet HTML 12Page - Texas Instruments TFP403PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
80%
20%
80%
20%
tr(2)
tf(2)
ODCK
Figure 1. Rise and Fall Time of ODCK
80%
80%
20%
20%
tr(1)
tf(1)
QE(0-23), QO(0-23), DE
CTL(1-2), HSYNC, VSYNC
Figure 2. Rise and Fall Time of Data and Control Signals
f(ODCK)
ODCK
Figure 3. ODCK Frequency
tsu(1)
th(1)
tsu(2)
th(2)
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
ODCK
QE(0-23), QO(0-23), DE
CTL(1-2), HSYNC, VSYNC
OCK_INV
Figure 4. Data Setup and Hold Time to Rising and Falling Edge of ODCK
Figure 5. ODCK High to QE[23:0]
Staggered Data Output
Figure 6. Analog Input Intra-Pair
Differential Skew
50%
VOH
td
ODCK
QE(O-23)
50%
t(ps)
Tx+
Tx-


Similar Part No. - TFP403PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP403 TI-TFP403 Datasheet
293Kb / 18P
[Old version datasheet]   TI PANEBUS DIGITAL RECEIVER
More results

Similar Description - TFP403PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Tripp Lite. All Rights ...
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
   HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
B122-000-60 TRIPPLITE-B122-000-60 Datasheet
165Kb / 3P
   HDMI Signal Booster ??F/F, 1920 x 1200 (1080p) @ 60 Hz, Up to 125 ft., TAA
B126-1A1-U TRIPPLITE-B126-1A1-U Datasheet
168Kb / 4P
   HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
logo
STMicroelectronics
FLI5962H-LF-AA STMICROELECTRONICS-FLI5962H-LF-AA Datasheet
119Kb / 7P
   Multi-function LCD monitor controllers up to WUXGA
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
logo
Tripp Lite. All Rights ...
B126-1A1-U-MCRO TRIPPLITE-B126-1A1-U-MCRO Datasheet
164Kb / 3P
   Micro-HDMI to HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
   Supports up to 15??laptops.
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com