Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2289-34YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2289-34YML
Description  2mm2mm White LED Driver with Internal Schottky Diode and OVP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289-34YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2289-34YML Datasheet HTML 1Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 2Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 3Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 4Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 5Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 6Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 7Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 8Page - Micrel Semiconductor MIC2289-34YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
MIC2289
July 2007
2
M9999-071007
Ordering Information
Part Number
Marking
Code
Overvoltage
Protection
Junction
Temp. Range
Package
Lead Finish
MIC2289-24YD6
SM24
24V
–40°C to +125°C
6-Pin Thin SOT-23
Pb-Free
MIC2289-15BML
SNA
15V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Standard
MIC2289-15YML
SNA
15V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2289-24BML
SNB
24V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Standard
MIC2289-24YML
SNB
24V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2289-34BML
SNC
34V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Standard
MIC2289-34YML
SNC
34V
–40°C to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
Note
: Marking bars may not be to scale.
Pin Configuration
VOUT
VIN
EN
GND SW
FB
3
1
6
2
45
VOUT
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
6- Pin Thin SOT-23 (D6)
8-Pin MLF
® (ML)
(Top View)
Fused Lead Frame
Pin Description
Pin Number
TSOT-23-6
Pin Number
MLF
® -8
Pin Name
Pin Name
1
7
SW
Switch node (Input): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
6
FB
Feedback (Input): Output voltage sense node. Connect the
cathode of the LED to this pin. A resistor from this pin to ground
sets the LED current.
4
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts
down regulator.
5
2
VIN
Supply (Input): 2.7V to 8V for internal circuitry.
6
1
VOUT
Output Pin and Overvoltage Protection (Output): Connect to the
output capacitor and LEDs.
4
AGND
Analog ground.
8
PGND
Power ground.
5
NC
No connect (no internal connection to die).
EP
GND
Ground (Return): Exposed backside pad.


Similar Part No. - MIC2289-34YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289-34YML MICREL-MIC2289-34YML Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
More results

Similar Description - MIC2289-34YML

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com