Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2212-2.85BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2212-2.85BML
Description  Dual uCap LDO and Power-On Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212-2.85BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2212-2.85BML Datasheet HTML 2Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 3Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 4Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 5Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 6Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 7Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 8Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 9Page - Micrel Semiconductor MIC2212-2.85BML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
August 2004
7
M9999-080504
MIC2212
Micrel
0
5
10
15
20
25
30
35
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO1 Only
LDO2 Disabled (V
EN2 = LOW)
LDO1
0
5
10
15
20
25
30
35
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO2 Only
LDO1 Disabled (V
EN1 = LOW)
LDO2
0
10
20
30
40
50
60
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO2 = 300mA
Output Current LDO1
Varied from 0 to Full Load
Both Enabled
0
10
20
30
40
50
60
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO1 = 150mA
Output Current LDO2
Varied from 0 to Full Load
Both Enabled
Typical Characteristics (cont.)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
POR SETTING CAP (pF)
POR Delay
C
IN = 1µF
COUT = 1
µF
I
LOAD = 100
µA
110
100
1k
10k 100k 1M
1
10
100
1k
10k
100k
10M
1M
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 2
vs. Temperature
100
µA load
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 1
vs. Temperature
100
µA load
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75
100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current


Similar Part No. - MIC2212-2.85BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2212-DNBML MICREL-MIC2212-DNBML Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC2212-DNYML MICREL-MIC2212-DNYML Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC2212-DOBML MICREL-MIC2212-DOBML Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC2212-DOYML MICREL-MIC2212-DOYML Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC2212-GKBML MICREL-MIC2212-GKBML Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
More results

Similar Description - MIC2212-2.85BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249 Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
MIC2212 MICREL-MIC2212_06 Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC2219 MICREL-MIC2219 Datasheet
219Kb / 10P
   Dynamically Adjustable Dual uCap LDO
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com