Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4946G Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1N4946G
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1N4946G Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1N4946G Datasheet HTML 1Page - Diode Semiconductor Korea 1N4946G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Glass passivated junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC DO-41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.34 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
1N
4946G
1N
4947G
1N
4948G
UNITS
Maximum recurrent peak reverse voltage
VRRM
600
800
1000
V
Maximum RMS voltage
VRMS
420
560
700
V
Maximum DC blocking voltage
VDC
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=125
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE:1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
1N4942G--1N4948G
150
250
500
12
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 1.0 A
400
1N
4944G
1.0
A
FAST RECOVERY RECTIFIERS
IF(AV)
The plastic material carries U/L recognition 94V-0
IR
30.0
5.0
100
1.3
A
IFSM
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55---- +150
- 55---- + 150
55
DO - 41
200
140
200
1N
4942G
Easily cleaned with Freon,Alcohol,Isopropanol
400
280
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - 1N4946G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4946G RECTRON-1N4946G Datasheet
26Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
1N4946G CHENDA-1N4946G Datasheet
533Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Bytes
1N4946G BYTES-1N4946G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4946G LRC-1N4946G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Formosa MS
1N4946G FORMOSA-1N4946G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N4946G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com