Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP02-14 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # RGP02-14
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RGP02-14 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  RGP02-14 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RGP02-14 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( RGP02-12 - RGP02-20)
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
FORWARD VOLTAGE, VOLTS
60Hz RESISTIVE OR INDUCTIVE LOAD
0.4
0.3
0.2
0.1
0.5
2.0
10
1.0
20
0
25
0
15
10
5
0.01
1.0
80
0.001
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
SET TIME BASE FOR 50/100 ns/cm
Trr
+ 0.5 A
0
- 0.25
- 1.0 A
1 cm
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )
2 of 2
www.sunmate.tw


Similar Part No. - RGP02-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGP02-14 ETC1-RGP02-14 Datasheet
36Kb / 2P
   0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
RGP02-14 NJSEMI-RGP02-14 Datasheet
87Kb / 1P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
RGP02-14E TAYCHIPST-RGP02-14E Datasheet
4Mb / 2P
   Glass Passivated JunctionFast Switching Rectifier
logo
Vishay Siliconix
RGP02-14E VISHAY-RGP02-14E Datasheet
77Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGP02-14E VISHAY-RGP02-14E Datasheet
29Kb / 2P
   Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
More results

Similar Description - RGP02-14

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300_15 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
HV3 DIOTEC-HV3_16 Datasheet
138Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
FBY8 DIOTEC-FBY8 Datasheet
161Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
   50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
Electronic devices inc.
RUST EDI-RUST Datasheet
41Kb / 2P
   50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com