Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X4016T3F-TF55 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6X4016T3F-TF55
Description  256Kx16 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4016T3F-TF55 Datasheet(HTML) 9 Page - Samsung semiconductor

  K6X4016T3F-TF55 Datasheet HTML 1Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 2Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 3Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 4Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 5Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 6Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 7Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 8Page - Samsung semiconductor K6X4016T3F-TF55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
K6X4016T3F Family
CMOS SRAM
Revision 1.0
August 2003
9
Unit: millimeter(inch)
PACKAGE DIMENSIONS
44 PIN THIN SMALL OUTLINE PACKAGE TYPE II (400F)
#1
#22
#44
#23
0.35
± 0.10
0.014
±0.004
0.80
0.0315
0.047
1.20
MAX.
0.741
18.81
MAX.
18.41
±0.10
0.725
±0.004
11.76
±0.20
0.463
±0.008
+ 0.1
0
- 0.0
5
0.50
+ 0.0
04
- 0.0
02
0.15
0.00
6
0.020
0.10
0.004
0~8
°
0.45 ~0.75
0.018 ~ 0.030
0.25
(
)
0.010
(
)
0.805
0.032
(
)
MAX
1.00
±0.10
0.039
±0.004


Similar Part No. - K6X4016T3F-TF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016C3F-B SAMSUNG-K6X4016C3F-B Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016C3F-F SAMSUNG-K6X4016C3F-F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016C3F-Q SAMSUNG-K6X4016C3F-Q Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016C3F-TB55 SAMSUNG-K6X4016C3F-TB55 Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
More results

Similar Description - K6X4016T3F-TF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com