Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP1317NP-272L Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCP1317NP-272L
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP1317NP-272L Datasheet(HTML) 2 Page - Sumida Corporation

  RCP1317NP-272L Datasheet HTML 1Page - Sumida Corporation RCP1317NP-272L Datasheet HTML 2Page - Sumida Corporation RCP1317NP-272L Datasheet HTML 3Page - Sumida Corporation RCP1317NP-272L Datasheet HTML 4Page - Sumida Corporation RCP1317NP-272L Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCP1317
Electrical Characteristics
0.37
0.37
0.43
5.02 (4.18)
4.7mH
±15%
472
RCP1317NP-472L
0.42
0.42
0.47
4.52 (3.77)
3.9mH
±15%
392
RCP1317NP-392L
0.45
0.45
0.51
3.31 (2.76)
3.3mH
±15%
332
RCP1317NP-332L
0.48
0.50
0.58
3.07 (2.56)
2.7mH
±15%
272
RCP1317NP-272L
0.52
0.52
0.62
2.28 (1.90)
2.2mH
±15%
222
RCP1317NP-222L
0.58
0.56
0.68
2.00 (1.70)
1.8mH
±15%
182
RCP1317NP-182L
0.72
0.60
0.72
1.40 (1.16)
1.5mH
±15%
152
RCP1317NP-152L
0.74
0.65
0.80
1.28 (1.07)
1.2mH
±15%
122
RCP1317NP-122L
0.82
0.70
0.90
1.18 (0.94)
1.0mH
±15%
102
RCP1317NP-102L
0.85
0.85
1.02
0.95 (0.76)
820
μH±15%
821
RCP1317NP-821L
1.00
0.95
1.12
0.78 (0.62)
680
μH±15%
681
RCP1317NP-681L
1.10
1.05
1.25
0.59 (0.47)
560
μH±15%
561
RCP1317NP-561L
1.15
1.17
1.35
0.53 (0.42)
470
μH±15%
471
RCP1317NP-471L
1.30
1.28
1.45
0.44 (0.35)
390
μH±15%
391
RCP1317NP-391L
1.50
1.40
1.60
0.36 (0.29)
330
μH±15%
331
RCP1317NP-331L
1.55
1.60
1.70
0.33 (0.26)
270
μH±15%
271
RCP1317NP-271L
1.60
1.70
1.90
278m (223m)
220
μH±15%
221
RCP1317NP-221L
1.80
1.80
2.20
213m (171m)
180
μH±15%
181
RCP1317NP-181L
1.90
2.10
2.40
195m (156m)
150
μH±15%
151
RCP1317NP-151L
2.20
2.30
2.60
139m (116m)
120
μH±15%
121
RCP1317NP-121L
2.30
2.50
2.80
125m (100m)
100
μH±20%
101
RCP1317NP-101M
2.50
2.70
3.10
110m (88m)
82
μH±20%
820
RCP1317NP-820M
2.60
3.00
3.30
101m (81m)
68
μH±20%
680
RCP1317NP-680M
3.30
3.80
4.30
69m (55m)
47
μH±20%
470
RCP1317NP-470M
3.60
4.40
4.80
58m (46m)
33
μH±20%
330
RCP1317NP-330M
(at 100
℃)
(at 20
℃)
Temperature
rise current
(A)
※3
Saturation
Current
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[ Within ]
※1
Stamp
Part No.
※1 Inductance Measuring condition: at 1kHz.
※2 The saturation current: This indicates the value of DC current when the inductance decreases to 65% of it's nominal.
※3 The temperature rise: The value of DC current when the temperature rise is △T=40℃ (Ta=20℃).


Similar Part No. - RCP1317NP-272L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317NP-272L SUMIDA-RCP1317NP-272L Datasheet
52Kb / 4P
   RCP1317
RCP1317NP-272L SUMIDA-RCP1317NP-272L Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
More results

Similar Description - RCP1317NP-272L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com