Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM71 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM71
Description  SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM71 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM71 Datasheet HTML 5Page - National Semiconductor (TI) LM71 Datasheet HTML 6Page - National Semiconductor (TI) LM71 Datasheet HTML 7Page - National Semiconductor (TI) LM71 Datasheet HTML 8Page - National Semiconductor (TI) LM71 Datasheet HTML 9Page - National Semiconductor (TI) LM71 Datasheet HTML 10Page - National Semiconductor (TI) LM71 Datasheet HTML 11Page - National Semiconductor (TI) LM71 Datasheet HTML 12Page - National Semiconductor (TI) LM71 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1.0 Functional Description (Continued)
1.3 TEMPERATURE DATA FORMAT
Temperature data is represented by a 14-bit, two’s comple-
ment word with an LSB (Least Significant Bit) equal to
0.03125˚C:
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0000 0011
4B03
+125˚C
0011 1110 1000 0011
3E83
+25˚C
0000 1100 1000 0011
0C83
+0.03125˚C
0000 0000 0000 0111
0007
0˚C
0000 0000 0000 0011
0003
−0.03125˚C
1111 1111 1111 1111
FFFF
−25˚C
1111 0011 1000 0011
F383
−40˚C
1110 1100 0000 0011
EC03
The first data byte is the most significant byte with most
significant bit first, permitting only as much data as neces-
sary to be read to determine temperature condition. For
instance, if the first four bits of the temperature data indicate
an overtemperature condition, the host processor could im-
mediately take action to remedy the excessive tempera-
tures.
1.4 SHUTDOWN MODE/MANUFACTURER’S ID
Shutdown mode is enabled by writing XX FF to the LM71 as
shown in Figure 7c. The serial bus is still active when the
LM71 is in shutdown. When in shutdown mode the LM71
always will output 1000 0000 0000 1111. This is the
manufacturer’s/Device ID information. The first 5-bits of the
field (1000 0XXX) are reserved for manufacturer’s ID.
1.5 INTERNAL REGISTER STRUCTURE
The LM71 has three registers, the temperature register, the
configuration register and the manufacturer’s/device identifi-
cation register. The temperature and manufacturer’s/device
identification registers are read only. The configuration reg-
ister is write only.
1.5.1 Configuration Register
(Selects shutdown or continuous conversion modes):
(Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
XXXXXXX
Shutdown
D0–D15 set to XX FF hex enables shutdown mode.
D0–D15 set to 00 00 hex sets Continuous conversion mode.
Note: setting D0-D15 to any other values may place the LM70 into a manufacturer’s test mode, upon which the LM71 will stop
responding as described. These test modes are to be used for National Semiconductor production testing only. See Section 1.2
Serial Bus Interface for a complete discussion.
1.5.2 Temperature Register
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
LSB
1
1
D0–D1: Logic 1 will be output on SI/0.
D2–D15: Temperature Data. One LSB = 0.03125˚C. Two’s complement format.
1.5.3 Manufacturer/Device ID Register
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
00000000000111
1
D0–D1: Logic 1 will be output on SI/0.
D2–D15: Manufacturer’s/Device ID Data. This register is accessed whenever the LM71 is in shutdown mode.
www.national.com
9


Similar Part No. - LM71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM71-Q1 TI-LM71-Q1 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM710 NSC-LM710 Datasheet
115Kb / 10P
   Voltage Comparator
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
More results

Similar Description - LM71

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com